Electronic Components Datasheet Search
  English  ▼

X  

C1F Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # C1F
Description  Surface Mount Fast Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1F Datasheet(HTML) 3 Page - Bel Fuse Inc.

  C1F Datasheet HTML 1Page - Bel Fuse Inc. C1F Datasheet HTML 2Page - Bel Fuse Inc. C1F Datasheet HTML 3Page - Bel Fuse Inc. C1F Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type C1F
3 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. C1F Feb2025
Environmental Specifications
High temperature storage
MIL-STD-202 Method 108
Temperature cycling
JESD22 Method JA-104,Test Condition B
Biased humidity
MIL-STD-202 Method 103, 85C/85% RH with
10% operating power for 1000 hrs.
Operational life
MIL-STD-202 Method 108, Test Condition D
Resistance to solvents
MIL-STD-202 Method 215
Mechanical shock
MIL-STD-202 Method 213,Test Condition C
Vibration
MIL-STD-202 Method 204
Resistance to soldering
heat
MIL-STD-202 Method 210,Test condition B
Thermal shock
MIL-STD-202 Method 107
Solderability
J-STD-002
Board flex(SMD)
AEC-Q200-005
Terminal strength
AEC-Q200-006
Electrical characterization
3 temperature electrical
Soldering Parameters
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition 1
(100 G's peak for 6 milliseconds; Sawtooth
waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06
inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test Condition B
(48 hrs.).
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum.
Solderability
MIL-STD-202G, Method 208H
Resistance to solder
Heat
MIL-STD-202G, Method 210F, Test Condition C.
Top Side(260℃,20 sec)
MIL-STD-202G, Method 210F, Test Condition D.
Bottom Side(260℃,10 sec)
Thermal Shock
MIL-STD-202G, Method 107G, Test Condition B
(-65℃ to +125℃).
Operating
Temperature
-55℃ to +125℃
Moisture Sensitivity
Level
1 (According to IPC J-Std-020)
IR Reflow Profile (IPC/JEDEC J-STD-020D)
Preheat & Soak
Temperature min (Tsmin)
Temperature max (Tsmax)
Time (Tsmin to Tsmax) (ts)
150℃
200℃
60-120 seconds
Average ramp-up rate (Tsmax to Tp)
3℃/second max.
Liquidous temperature (TL)
Time at liquidous (tL)
217℃
60-150 seconds
Peak temperature (Tp)
260℃ max
Time (tp) within 5℃ of the specified
classification temperture (Tc)
30 seconds
Average ramp-down rate (Tp to Tsmax)
6℃/second max.
Time 25℃ to peak temperature
8 minutes max.
Lead-free Wave Soldering Profile
Wave Soldering Parameter
Average ramp-up rate
200℃ / second
Heating rate during preheat
typical 1 - 2℃ / second
Max 4℃ / second
Final preheat temperature
within 125℃ of soldering
temperature
Peak temperature Tp
260℃
Time within +0℃ / -5℃ of actual
peak temperature
10 seconds
Ramp-down rate
5℃ / second max.
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com