Electronic Components Datasheet Search
  English  ▼

X  

C1F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C1F
Description  Surface Mount Fast Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C1F Datasheet HTML 1Page - Bel Fuse Inc. C1F Datasheet HTML 2Page - Bel Fuse Inc. C1F Datasheet HTML 3Page - Bel Fuse Inc. C1F Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type C1F
Surface Mount Fast Acting Chip Fuse
belfuse.com/circuit-protection
C1F Series – 1206 Size
RoHS Compliant
Features
- Fast Acting, with improved surge withstand performance
- Small size, 1206 SMD
- Current rating from 250mA to 8A, fuse marked with ampere code
- Wide operating temperature range from -55
℃ to 125℃
- Tape and Reel for automatic SMD placement
- Compatible with 260
℃ IR Pb-free and wave soldering process
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
(MSL = 1)
- Halogen Free and Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Applications
- Automotive Navigation System
- Thin film transistor LCD flat-panel display screen
- Notebook
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV
LEAD FREE =
- DC-DC Converter
HALOGEN FREE =
Electrical Characteristics (UL STD. 248-14)
Testing Current
Blow Time
Minimum
Maximum
100%
4 Hrs.
N/A
200%
N/A
5 Sec
300%
N/A
0.2 Sec
Safety Agency Approvals
Physical Specifications
Materials
Body : Ceramic Substrate
Terminations : Ag / Ni / Sn (100% Lead-free)
Element Cover Coating : Lead-free Glass
Marking
On Fuse :
Marking Code
On Label :
"bel", "C1F", "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E506667
250mA
–8A/125V AC
/63V DC
250mA
–6A/100A@ 125V
AC
/50A@ 63V DC
7A
–8A/35A@ 125V AC
/50A@ 63V DC
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Typical Part Marking
Fuse body (ceramic white side)
marked with marking code.
Example:
Specifications subject to change without notice
250mA
E
2.5A
T
375mA
H
3A
3
500mA
J
3.5A
Z
750mA
M
4A
4
1A
1
5A
5
1.25A
P
6A
6
1.5A
R
7A
7
2A
2
8A
8
AEC-Q Compliant


Similar Part No. - C1F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1F BEL-C1F Datasheet
2Mb / 4P
Surace Mount Fast Acting Chip Fuse
logo
Hammond Manufacturing L...
C1F002CES HAMMOND-C1F002CES Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
logo
Hammond Power Solutions
C1F002CES HPS-C1F002CES Datasheet
689Kb / 8P
HPS Fortress™ Encapsulated Transformers for Commercial Applications
August 2019
logo
Hammond Manufacturing L...
C1F002EES HAMMOND-C1F002EES Datasheet
689Kb / 8P
Encapsulated Transformers for Commercial Applications
August 2019
logo
Hammond Power Solutions
C1F002EES HPS-C1F002EES Datasheet
689Kb / 8P
HPS Fortress™ Encapsulated Transformers for Commercial Applications
August 2019
More results

Similar Description - C1F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
logo
Bel Fuse Inc.
0685P2000-01 BEL-0685P2000-01 Datasheet
649Kb / 4P
Surface Mount Fast Acting Chip Fuse
0ABA BEL-0ABA Datasheet
909Kb / 4P
Surface Mount Fast Acting Chip Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com