Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1950Z
Description  7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1950Z Datasheet HTML 1Page - Renesas Technology Corp F1950Z Datasheet HTML 2Page - Renesas Technology Corp F1950Z Datasheet HTML 3Page - Renesas Technology Corp F1950Z Datasheet HTML 4Page - Renesas Technology Corp F1950Z Datasheet HTML 5Page - Renesas Technology Corp F1950Z Datasheet HTML 6Page - Renesas Technology Corp F1950Z Datasheet HTML 7Page - Renesas Technology Corp F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Glitch-Free Digital Step Attenuator
5
Jul 12, 2021
PARALLEL CONTROL MODE
The user has the option of running in one of two parallel modes: Direct Parallel Mode or Latched Parallel
Mode.
DIRECT PARALLEL MODE:
Direct Parallel Mode is selected when VMODE (pin 3) is < VIL and LE (pin 16) is > VIH. In this mode the
device will immediately react to any voltage changes to the parallel control pins [pins 19, 20, 21, 22, 23,
24, 1]. Use direct parallel mode for the fastest settling time.
LATCHED PARALLEL MODE:
Latched Parallel Mode is selected when VMODE (pin 3) is < VIL and LE (pin 16) is toggled from < VIL to > VIH
To utilize Latched Parallel Mode:
Set LE < VIL
Adjust pins [19, 20, 21, 22, 23, 24, 1] to the desired attenuation setting. (Note the device will not
react to these pins while LE < VIL.)
Pull LE > VIH. The device will then transition to the attenuation settings reflected by these pins.
Latched Parallel Mode implies a default state for when the device is powered up with VMODE < VIL and LE < VIL.
In this case the default setting is MAXIMUM Attenuation.
LATCHED PARALLEL MODE TIMING DIAGRAM: (Note the Timing Spec Intervals in Blue)
LATCHED PARALLEL MODE TIMING TABLE:
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
A
Serial to Parallel Mode Setup Time
100
ns
B
Parallel Data Hold Time
10
ns
C
LE minimum pulse width
10
ns
D
Parallel Data Setup Time
10
ns
D[6:0]
Data Word
Latched into
Active Register
LE
VMODE
Spec
Intervals
A
D
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com