Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F1950Z
Description  7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F1950Z Datasheet HTML 4Page - Renesas Technology Corp F1950Z Datasheet HTML 5Page - Renesas Technology Corp F1950Z Datasheet HTML 6Page - Renesas Technology Corp F1950Z Datasheet HTML 7Page - Renesas Technology Corp F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp F1950Z Datasheet HTML 10Page - Renesas Technology Corp F1950Z Datasheet HTML 11Page - Renesas Technology Corp F1950Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Glitch-Free Digital Step Attenuator
8
Jul 12, 2021
TOCS CONTINUED (-3-)
DNL [150 MHz]
DNL [900 MHz]
DNL [2800 MHz]
DNL [450 MHz]
DNL [1900 MHz]
Worst Setting DNL
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
0
4
8
12
16
20
24
28
-40 degC - 3.3 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
0
4
8
12
16
20
24
28
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
0
4
8
12
16
20
24
28
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
0
4
8
12
16
20
24
28
-40 degC - 3.3 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
0
4
8
12
16
20
24
28
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
100
600
1100
1600
2100
2600
3100
3600
4100
RF Frequency (MHz)
5V min DNL
5V max DNL
3.3V min DNL
3.3V max DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com