Electronic Components Datasheet Search
  English  ▼

X  

CSD19532KTT Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD19532KTT
Description  CSD19532KTT 100 V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19532KTT Datasheet(HTML) 3 Page - Texas Instruments

  CSD19532KTT Datasheet HTML 1Page - Texas Instruments CSD19532KTT Datasheet HTML 2Page - Texas Instruments CSD19532KTT Datasheet HTML 3Page - Texas Instruments CSD19532KTT Datasheet HTML 4Page - Texas Instruments CSD19532KTT Datasheet HTML 5Page - Texas Instruments CSD19532KTT Datasheet HTML 6Page - Texas Instruments CSD19532KTT Datasheet HTML 7Page - Texas Instruments CSD19532KTT Datasheet HTML 8Page - Texas Instruments CSD19532KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CSD19532KTT
www.ti.com
SLPS553 – OCTOBER 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
2.2
2.6
3.2
V
VGS = 6 V, ID = 90 A
5.3
6.6
m
Ω
RDS(on)
Drain-to-source on resistance
VGS = 10 V, ID = 90 A
4.6
5.6
m
Ω
gfs
Transconductance
VDS = 10 V, ID = 90 A
113
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
3890
5060
pF
Coss
Output capacitance
VGS = 0 V, VDS = 50 V, ƒ = 1 MHz
674
876
pF
Crss
Reverse transfer capacitance
14
18
pF
RG
Series gate resistance
1.3
2.6
Ω
Qg
Gate charge total (10 V)
44
57
nC
Qgd
Gate charge gate to drain
5.6
nC
VDS = 50 V, ID = 90 A
Qgs
Gate charge gate to source
17
nC
Qg(th)
Gate charge at Vth
9.6
nC
Qoss
Output charge
VDS = 50 V, VGS = 0 V
124
nC
td(on)
Turn on delay time
9
ns
tr
Rise time
3
ns
VDS = 50 V, VGS = 10 V,
IDS = 90 A, RG = 0 Ω
td(off)
Turn off delay time
14
ns
tf
Fall time
2
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 90 A, VGS = 0 V
0.9
1.0
V
Qrr
Reverse recovery charge
326
nC
VDS= 50 V, IF = 90 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
74
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
0.6
°C/W
RθJA
Junction-to-ambient thermal resistance
62
°C/W
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19532KTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com