Electronic Components Datasheet Search
  English  ▼

X  

CSD19532KTT Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD19532KTT
Description  CSD19532KTT 100 V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19532KTT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD19532KTT Datasheet HTML 4Page - Texas Instruments CSD19532KTT Datasheet HTML 5Page - Texas Instruments CSD19532KTT Datasheet HTML 6Page - Texas Instruments CSD19532KTT Datasheet HTML 7Page - Texas Instruments CSD19532KTT Datasheet HTML 8Page - Texas Instruments CSD19532KTT Datasheet HTML 9Page - Texas Instruments CSD19532KTT Datasheet HTML 10Page - Texas Instruments CSD19532KTT Datasheet HTML 11Page - Texas Instruments CSD19532KTT Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
42X (0.97)
42X (0.95)
(1.17) TYP
(1.15) TYP
(0.48) TYP
(6.9)
(5.08)
(R
) TYP
0.05
2X (3.82)
2X (1.05)
SYMM
PKG
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(7.48)
(8.55)
2X (3.82)
2X (1.05)
(3.4)
(6.9)
(5.08)
(R
) TYP
0.05
PKG
SYMM
PKG
OPENING
SOLDER MASK
METAL
NON SOLDER MASK
DEFINED
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
CSD19532KTT
www.ti.com
SLPS553 – OCTOBER 2015
7.2 Recommended PCB Pattern
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
7.3 Recommended Stencil Opening (0.125 mm Stencil Thickness)
Notes:
1. This package is designed to be soldered to a thermal pad on the board. See application notes, PowerPAD
Thermally Enhanced Package (SLMA002) and PowerPAD Made Easy (SLMA004) for more information.
2. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
3. Board assembly site may have different recommendations for stencil design.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD19532KTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com