Electronic Components Datasheet Search
  English  ▼

X  

CSD22204W Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD22204W
Description  CSD22204W –8 V P-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22204W Datasheet(HTML) 3 Page - Texas Instruments

  CSD22204W Datasheet HTML 1Page - Texas Instruments CSD22204W Datasheet HTML 2Page - Texas Instruments CSD22204W Datasheet HTML 3Page - Texas Instruments CSD22204W Datasheet HTML 4Page - Texas Instruments CSD22204W Datasheet HTML 5Page - Texas Instruments CSD22204W Datasheet HTML 6Page - Texas Instruments CSD22204W Datasheet HTML 7Page - Texas Instruments CSD22204W Datasheet HTML 8Page - Texas Instruments CSD22204W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CSD22204W
www.ti.com
SLPS559 – MARCH 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = –250 μA
–8
V
BVGSS
Gate-to-Source Voltage
VDS = 0 V, IG = –5 μA
–6
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = –6.4 V
–1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = –6 V
–4
μA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = –250 μA
–0.45
–0.7
–0.95
V
VGS = –2.5 V, IDS = –2 A
11.5
14.0
m
Ω
RDS(on)
Drain-to-Source On-Resistance
VGS = –4.5 V, IDS = –2 A
8.2
9.9
m
Ω
gƒs
Transconductance
VDS = –0.8 V, IDS = –2 A
18
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance
870
1130
pF
VGS = 0 V, VDS = –4 V,
COSS
Output Capacitance
445
580
pF
ƒ = 1 MHz
CRSS
Reverse Transfer Capacitance
204
265
pF
RG
Series Gate Resistance
300
Ω
Qg
Gate Charge Total (–4.5 V)
18.9
24.6
nC
Qgd
Gate Charge - Gate-to-Drain
4.2
nC
VDS = –4 V,
ID = –2 A
Qgs
Gate Charge - Gate-to-Source
3.2
nC
Qg(th)
Gate Charge at Vth
0.7
nC
QOSS
Output Charge
VDS = –4 V, VGS = 0 V
3.1
nC
td(on)
Turn On Delay Time
58
ns
tr
Rise Time
600
ns
VDS = –4 V, VGS = –4.5 V,
IDS = –2 A, RG = 0 Ω
td(off)
Turn Off Delay Time
3450
ns
tƒ
Fall Time
2290
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IDS = –2 A, VGS = 0 V
–0.7
–1.0
V
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
TYPCIAL VALUES
UNIT
Junction-to-Ambient Thermal Resistance(1)
75
RθJA
°C/W
Junction-to-Ambient Thermal Resistance(2)
230
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD22204W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com