Electronic Components Datasheet Search
  English  ▼

X  

CSD22204W Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD22204W
Description  CSD22204W –8 V P-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22204W Datasheet(HTML) 5 Page - Texas Instruments

  CSD22204W Datasheet HTML 1Page - Texas Instruments CSD22204W Datasheet HTML 2Page - Texas Instruments CSD22204W Datasheet HTML 3Page - Texas Instruments CSD22204W Datasheet HTML 4Page - Texas Instruments CSD22204W Datasheet HTML 5Page - Texas Instruments CSD22204W Datasheet HTML 6Page - Texas Instruments CSD22204W Datasheet HTML 7Page - Texas Instruments CSD22204W Datasheet HTML 8Page - Texas Instruments CSD22204W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC - Case Temperature (GC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
D006
-VGS - Gate-To-Source Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
4
8
12
16
20
24
28
32
D007
TC = 25°C, I D = -2 A
TC = 125°C, I D = -2 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D004
-VDS - Drain-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
0
200
400
600
800
1000
1200
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
-VDS - Drain-to-Source Voltage (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
4
8
12
16
20
D002
VGS = -2.5 V
VGS = -4.5 V
-VGS - Gate-To-Source Voltage (V)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
4
8
12
16
20
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD22204W
www.ti.com
SLPS559 – MARCH 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = –4 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = –2 A
VDS = –4 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = –250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD22204W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com