Electronic Components Datasheet Search
  English  ▼

X  

CSD22204WT Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD22204WT
Description  CSD22204W –8 V P-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22204WT Datasheet(HTML) 1 Page - Texas Instruments

  CSD22204WT Datasheet HTML 1Page - Texas Instruments CSD22204WT Datasheet HTML 2Page - Texas Instruments CSD22204WT Datasheet HTML 3Page - Texas Instruments CSD22204WT Datasheet HTML 4Page - Texas Instruments CSD22204WT Datasheet HTML 5Page - Texas Instruments CSD22204WT Datasheet HTML 6Page - Texas Instruments CSD22204WT Datasheet HTML 7Page - Texas Instruments CSD22204WT Datasheet HTML 8Page - Texas Instruments CSD22204WT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
-VGS - Gate-To-Source Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
4
8
12
16
20
24
28
32
D007
TC = 25°C, I D = -2 A
TC = 125°C, I D = -2 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
18
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D004
ID = -2 A
VDS = -4 V
G
S
S
S
S
S
D
D
D
Gate
Source
Drain
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD22204W
SLPS559 – MARCH 2015
CSD22204W –8 V P-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
•
Low Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Small Footprint 1.5 mm × 1.5 mm
VDS
Drain-to-Source Voltage
–8
V
•
Pb Free
Qg
Gate Charge Total (–4.5 V)
18.9
nC
Qgd
Gate Charge Gate-to-Drain
4.2
nC
•
Gate ESD Protection
VGS = –2.5 V
11.5
m
Ω
•
RoHS Compliant
RDS(on)
Drain-to-Source On-Resistance
VGS = –4.5 V
8.2
m
Ω
•
Halogen Free
VGS(th)
Threshold Voltage
–0.7
V
•
Gate-Source Voltage Clamp
Ordering Information(1)
2 Applications
Device
Qty
Media
Package
Ship
•
Battery Management
CSD22204W
3000
7-Inch Reel
1.5 mm × 1.5 mm
Tape and
Wafer BGA
•
Battery Protection
Reel
CSD22204WT
250
7-Inch Reel
Package
•
Load Switch Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
3 Description
This –8 V, 8.2 m
Ω, 1.5 mm × 1.5 mm device is
.
Absolute Maximum Ratings
designed to deliver the lowest on resistance and gate
charge in the smallest outline possible with excellent
TA = 25°C
VALUE
UNIT
thermal characteristics in an ultra low profile. Low on-
VDS
Drain-to-Source Voltage
–8
V
resistance coupled with the small footprint and low
VGS
Gate-to-Source Voltage
–6
V
profile make the device ideal for battery operated
Continuous Drain Current(1)
–5
A
ID
space constrained applications.
Pulsed Drain Current(2)
–80
A
PD
Power Dissipation
1.7
W
Top View and Circuit Configuration
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Device operating at a temperature of 105ºC.
(2) Typ RθJA = 75°C/W, Pulse width ≤100 μs, duty cycle ≤1%.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD22204WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD22204WT TI1-CSD22204WT Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
More results

Similar Description - CSD22204WT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
8-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com