Electronic Components Datasheet Search
  English  ▼

X  

ES2 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # ES2
Description  Super Fast Series Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ES2 Datasheet(HTML) 4 Page - YAGEO Corporation

  ES2 Datasheet HTML 1Page - YAGEO Corporation ES2 Datasheet HTML 2Page - YAGEO Corporation ES2 Datasheet HTML 3Page - YAGEO Corporation ES2 Datasheet HTML 4Page - YAGEO Corporation ES2 Datasheet HTML 5Page - YAGEO Corporation ES2 Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
6
Product Specification
ES2 SERIES
SUPER FAST RECOVERY RECTIFIER
Circuit Protection
www.yageo.com
Jul. 26, 2023 V.0
Figure 5. Diagram of circuit and Testing wave form of reverse recovery time
Dimensions (SMB/DO-214AA)
Product:
Pad:
2.69mm
2.07mm
2.07mm
Symbol
Millimeters
Inches
Min.
Max.
Min.
Max.
L
4.05
4.75
0.160
0.187
D
3.30
3.94
0.130
0.155
D1
1.85
2.20
0.073
0.087
T
5.10
5.60
0.201
0.221
T1
0.76
1.52
0.030
0.060
d
0.05
0.20
0.002
0.008
H
1.99
2.65
0.078
0.104



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com