Electronic Components Datasheet Search
  English  ▼

X  

ES2 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # ES2
Description  Super Fast Series Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ES2 Datasheet(HTML) 5 Page - YAGEO Corporation

  ES2 Datasheet HTML 1Page - YAGEO Corporation ES2 Datasheet HTML 2Page - YAGEO Corporation ES2 Datasheet HTML 3Page - YAGEO Corporation ES2 Datasheet HTML 4Page - YAGEO Corporation ES2 Datasheet HTML 5Page - YAGEO Corporation ES2 Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
6
Product Specification
ES2 SERIES
SUPER FAST RECOVERY RECTIFIER
Circuit Protection
www.yageo.com
Jul. 26, 2023 V.0
Packaging
Tape
P0
P1
P2
D0
E
F
W
T
B0
K0
D1
B
B
SECTI ON B-B
A
A
A0
SECTI ON A-A
Symbol
Dimension (mm)
W
12.0±0.15
P0
4.00±0.10
P1
8.00±0.10
P2
2.00±0.10
D0
Φ1.55±0.05
D1
Φ1.55±0.05
E
1.75±0.05
F
5.50±0.10
A0
3.65±0.10
B0
5.60±0.10
K0
2.57±0.10
T
0.22±0.05
13” Reel
D5
Φ330±1.00
D6
Φ17.0+1/-0.50
H
3.0max.
W2
16.0±0.50
Quantity: 3000pcs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com