Electronic Components Datasheet Search
  English  ▼

X  

SD103CWH RHG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SD103CWH RHG
Description  350mA, 20V - 40V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103CWH RHG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD103CWH RHG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SD103AWH
– SD103CWH
Taiwan Semiconductor
2
Version: A2502
Non-repetitive peak forward surge current
t = 8.3ms
IFSM
2
A
Junction temperature
TJ
-55 to +125
°C
Storage temperature
TSTG
-55 to +150
°C
Note:
1.
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-ambient thermal resistance(1)
RӨJA
333
°C/W
Thermal Performance Note:
1.
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Forward voltage(1)
IF = 20mA
VF
-
-
370
mV
IF = 200mA
-
-
600
Reverse breakdown voltage
SD103AWH
IR
= 100μA
VBR
40
-
-
V
SD103BWH
30
-
-
SD103CWH
20
-
-
Reverse current(2)
SD103AWH
VR = 30V
IR
-
-
5
μA
SD103BWH
VR = 20V
SD103CWH
VR = 10V
Junction capacitance
f = 1MHz, VR = 0V
CJ
-
-
50
pF
Reverse recovery time
IF = IR = 200mA,
IRR = 20mA, RL =
100Ω
trr
-
10
-
ns
Notes:
1.
Pulse test with PW=0.3 ms
2.
Pulse test with PW=30 ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
DEVICE MARKING
SD103AWH RHG
SOD-123
3,000 / 7” Tape & Reel
S4
SD103BWH RHG
SOD-123
3,000 / 7” Tape & Reel
S5
SD103CWH RHG
SOD-123
3,000 / 7” Tape & Reel
S6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com