Electronic Components Datasheet Search
  English  ▼

X  

SD103CWH RHG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SD103CWH RHG
Description  350mA, 20V - 40V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103CWH RHG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SD103CWH RHG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SD103CWH RHG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SD103AWH
– SD103CWH
Taiwan Semiconductor
3
Version: A2502
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Power Dissipation Curve
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
0.01
0.1
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
0
25
50
75
100
125
REVERSE VOLTAGE (V)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
AMBIENT TEMPERATURE (
°C)
T
J
=25°C
T
J
=-55°C
T
J
=125°C
T
J
=85°C
T
J
=125°C
T
J
=85°C
T
J
=75°C
T
J
=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com