Electronic Components Datasheet Search
  English  ▼

X  

SY89322V Datasheet(PDF) 4 Page - Microchip Technology

Part # SY89322V
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY89322V Datasheet(HTML) 4 Page - Microchip Technology

  SY89322V Datasheet HTML 1Page - Microchip Technology SY89322V Datasheet HTML 2Page - Microchip Technology SY89322V Datasheet HTML 3Page - Microchip Technology SY89322V Datasheet HTML 4Page - Microchip Technology SY89322V Datasheet HTML 5Page - Microchip Technology SY89322V Datasheet HTML 6Page - Microchip Technology SY89322V Datasheet HTML 7Page - Microchip Technology SY89322V Datasheet HTML 8Page - Microchip Technology SY89322V Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
4
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)................................... -0.5V to +5.0V
Input Voltage (VIN) ...........................................-0.5V to VCC
Output Current (IOUT)
Continuous........................................................ ±50mA
Surge ..............................................................±100mA
Lead Temperature (soldering, 20sec.) ................... +260°C
Storage Temperature (Ts) ........................-65°C to +150°C
Operating Ratings
(2)
Input Voltage (VCC)............................ +3.15V to +3.45V
Ambient Temperature (TA) ................... –40°C to +85°C
Junction Temperature (TJ) ................................ +125°C
Package Thermal Resistance
(3)
EPAD-TQFP (
θJA)
Still-air
(4) ................................................. 28°C/W
500lfpm
(4) ............................................... 20°C/W
EPAD-TQFP (
θJC)........................................... 4°C/W
DC Electrical Characteristics
TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
3.15
3.3
3.45
V
ICC
Power Supply Current
120
160
mA
PECL 100K DC Electrical Characteristics
VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
VCC-1.165
VCC-0.880
V
VIL
Input LOW Voltage
VCC-1.810
VCC-1.475
V
VOH
Output HIGH Voltage
50Ω to VCC-2V
VCC-1.075
VCC-0.830
V
VOL
Output LOW Voltage
50Ω to VCC-2V
VCC-1.860
VCC-1.570
V
IIL
Input LOW Current
VIN = VIL (Min)
0.5
µA
TTL DC Electrical Characteristics
VCC = VCCO = VCCA = 3.3V ±5%; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
IOH = -0.4mA
2.0
V
VOL
Output LOW Voltage
IOL = 4mA
0.5
V
IIH
Input HIGH Current
VIN = 2.7V, VCC = Max.
VIN = VCC, VCC = Max.
-125
+100
µA
µA
IIL
Input LOW Voltage
VIN = 0.5V, VCC = Max.
-300
µA
IOS
Output Short Circuit Current
VOUT = 0V, (max., 1 sec.)
-15
-100
mA
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Airflow of 500lfpm recommended for 28-pin SOIC.
4. Using JEDEC standard test boards with die attach pad soldered to PCB. See www.amkor.com for additional package details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com