Electronic Components Datasheet Search
  English  ▼

X  

SY89322V Datasheet(PDF) 6 Page - Microchip Technology

Part # SY89322V
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY89322V Datasheet(HTML) 6 Page - Microchip Technology

Back Button SY89322V Datasheet HTML 2Page - Microchip Technology SY89322V Datasheet HTML 3Page - Microchip Technology SY89322V Datasheet HTML 4Page - Microchip Technology SY89322V Datasheet HTML 5Page - Microchip Technology SY89322V Datasheet HTML 6Page - Microchip Technology SY89322V Datasheet HTML 7Page - Microchip Technology SY89322V Datasheet HTML 8Page - Microchip Technology SY89322V Datasheet HTML 9Page - Microchip Technology SY89322V Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY69753AL
August 2007
6
M9999-082107-E
hbwhelp@micrel.com or (408) 955-1690
Functional Block
Functional Description
Clock Recovery
Clock Recovery, as shown in the block diagram,
generates a clock that is at the same frequency as the
incoming data bit rate at the Serial Data input. The
clock is phase aligned by a PLL so that it samples the
data in the center of the data eye pattern.
The phase relationship between the edge transitions
of the data and those of the generated clock are
compared by a phase/frequency detector. Output
pulses from the detector indicate the required
direction of phase correction. These pulses are
smoothed by an integral loop filter. The output of the
loop filter controls the frequency of the Voltage
Controlled Oscillator (VCO), which generates the
recovered clock.
Frequency
stability,
without
incoming
data,
is
guaranteed by an alternate reference input (REFCLK)
that the PLL locks onto when data is lost. If the
Frequency of the incoming signal varies by greater
than approximately 1000ppm with respect to the
synthesizer frequency, the PLL will be declared out of
lock, and the PLL will lock to the reference clock.
The loop filter transfer function is optimized to enable
the PLL to track the jitter, yet tolerate the minimum
transition density expected in a received SONET data
signal. This transfer function yields a 30µs data
stream of continuous 1's or 0's for random incoming
NRZ data.
Lock Detect
The SY69753AL contains a link fault indication circuit,
which monitors the integrity of the serial data inputs. If
the received serial data fails the frequency test, then
the PLL will be forced to lock to the local reference
clock. This will maintain the correct frequency of the
recovered clock output under loss of signal or loss of
lock conditions. If the recovered clock frequency
deviates from the local reference clock frequency by
more than approximately 1000ppm, the PLL will be
declared out of lock. The lock detect circuit will poll the
input data stream in an attempt to reacquire lock to
data. If the recovered clock frequency is determined to
be within approximately 1000ppm, the PLL will be
declared in lock and the lock detect output will go
active.
During the interval when the CDR is not locked onto
the RDIN input, the LFIN output will not be a static
LOW, but will be changing.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com