Electronic Components Datasheet Search
  English  ▼

X  

AX93262 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93262
Description  ZIO Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93262 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93262 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX93262 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZIO Modules
ZIO connector
COM 1/2
SIM slot
COM 4
COM 3
Full-size PCI
Express Mini Card
ZIO connector
32-bit programmable DIO
COM 1
COM 2
COM 1
Ethernet 2
ZIO connector
Ethernet 1
COM 2
AX93262
ZIO module with four COM ports and one PCI Express Mini Card slot
Ordering Information
AX93262
(P/N: E393262100)
ZIO module with 4 COM ports and 1 PCI Express Mini Card slot
Specication
2 x RS-232/422/485
2 x RS-232
1 x PCI Express Mini Card slot
Accessory
2 x COM with bracket cable
Dimensions
80 x 55 mm
Compliant Product
CAPA840, CAPA843, CAPA880, CAPA500, CAPA313
AX93285
ZIO module with two COM ports and 32-bit programbale DIO
Ordering Information
AX93285
(P/N: E393285100)
ZIO module with 4 COM ports and 1 PCI Express Mini Card slot
Specication
2 x RS-232
32-bit programmable DIO
Dimensions
80 x 55 mm
Compliant Product
CAPA840, CAPA843, CAPA880, CAPA500, CAPA313
AX93291
Ordering Information
AX93291
(P/N: E393291100)
ZIO module with two GbE LANs and two COM ports
Specication
2 x Gigabit Ethernet
2 x RS-232
Controller
Intel® i211AT
Dimensions
80 x 55 mm
ZIO module with two Gigabit Ethernet and two COM ports
Compliant Product
CAPA840, CAPA843, CAPA880, CAPA500, CAPA313
NEW
axiomtek.com
* All specifications and photos are subject to change without notice.
© 2020 Axiomtek Co., Ltd. All rights reserved.
Updated Jul. 09, 2020.


Similar Part No. - AX93262

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX93262 AXIOMTEK-AX93262 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
AX93262 AXIOMTEK-AX93262 Datasheet
436Kb / 1P
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
Aug. 10, 2023.
AX93262 AXIOMTEK-AX93262 Datasheet
433Kb / 1P
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Apr. 24, 2024.
AX93262 AXIOMTEK-AX93262 Datasheet
373Kb / 1P
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Dec. 22, 2021.
More results

Similar Description - AX93262

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC56-16IO1 IXYS-MCC56-16IO1 Datasheet
159Kb / 4P
Thyristor Modules /Diode Modules
logo
Axiomtek Co., Ltd.
CAPA830 AXIOMTEK-CAPA830 Datasheet
297Kb / 1P
ZIO connector
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX93262 AXIOMTEK-AX93262_17 Datasheet
351Kb / 1P
ZIO module with four COM ports and one PCI Express Mini Card
AX93285 AXIOMTEK-AX93285 Datasheet
351Kb / 1P
ZIO module with two COM ports and 32 bit programbale DIO
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
ZIO module with two Gigabit Ethernet and two COM ports
AX93295 AXIOMTEK-AX93295 Datasheet
351Kb / 1P
ZIO module with two isolated COM ports and two USB 3.0 ports
logo
SparkFun Electronics
ROB-16773 SPARKFUN-ROB-16773 Datasheet
193Kb / 2P
Zio 16 Servo Controller (Qwiic)
6??1??0
SEN-15176 SPARKFUN-SEN-15176 Datasheet
169Kb / 3P
Zio Current and Voltage Sensor - INA219 (Qwiic)
3????9
SEN-15892 SPARKFUN-SEN-15892 Datasheet
199Kb / 2P
Zio Qwiic Loudness Sensor
1????0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com