Electronic Components Datasheet Search
  English  ▼

X  

AX93262 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX93262
Description  ZIO Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93262 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX93262 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX93262 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
AX93A20
(P/N: E393A20100)
ZIO module with PCI Express Mini Card Slot
Specication
M.2 Key E slot or PCI Express Mini Card slot
Compliant Product
CAPA500, CAPA520
Dimensions
80 x 55 mm
AX93A20
(P/N: E393A20101)
ZIO module with M.2 Key E slot
USB 3.0
(Optional)
ZIO
Connector
USB 3.0
USB 3.0
COM 1
COM 2
ZIO connector
M.2 Key E
Front side
PCI Express Mini Card
SIM slot
Rear side
AX93A20
ZIO module with M.2 Key E slot or PCI Express Mini Card slot
NEW
AX93295
ZIO module with two isolated COM ports and two USB 3.0 ports
Ordering Information
AX93295
(P/N: E393295100)
ZIO module with two isolated COM ports andt
wo USB 3.0 ports
Specication
2 x isolated RS-232
2 x USB 3.0
Dimensions
80 x 55 mm
Compliant Product
CAPA840, CAPA843, CAPA880, CAPA500, CAPA313
Note: the 3rd USB 3.0 working is subject to which 3.5” is installed.
NEW
axiomtek.com
* All specifications and photos are subject to change without notice.
© 2020 Axiomtek Co., Ltd. All rights reserved.
Updated Jul. 09, 2020.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com