Electronic Components Datasheet Search
  English  ▼

X  

UG-2201 Datasheet(PDF) 7 Page - Analog Devices

Part # UG-2201
Description  Evaluating the ADF41510 10 GHz, Integer-N/Fractional-N PLL Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

UG-2201 Datasheet(HTML) 7 Page - Analog Devices

Back Button UG-2201 Datasheet HTML 3Page - Analog Devices UG-2201 Datasheet HTML 4Page - Analog Devices UG-2201 Datasheet HTML 5Page - Analog Devices UG-2201 Datasheet HTML 6Page - Analog Devices UG-2201 Datasheet HTML 7Page - Analog Devices UG-2201 Datasheet HTML 8Page - Analog Devices UG-2201 Datasheet HTML 9Page - Analog Devices UG-2201 Datasheet HTML 10Page - Analog Devices UG-2201 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
User Guide
EVAL-ADF41510
EVALUATION AND TEST
analog.com
Rev. 0 | 7 of 19
To evaluate and test the performance of the EV-ADF41510SD1Z
and EV-ADF41510SD2Z, use the following procedure:
1. Install the ADF41510 software (refer to the PLL Software Instal-
lation Guide).
2. If using a PC with Windows XP, follow the hardware driver
installation procedure.
3. Connect the evaluation board to the SDP-S board.
4. Connect the 6 V power supply to the banana connectors.
5. Connect the 25 V power supply to the V+SMA connector.
6. Power on the 6 V and 25 V supplies. There is no sequencing
requirement.
7. Connect the USB cable from the SDP-S board to the PC.
8. Run the ADF41510 software.
9. Select ADF41510 and SDP board (black) in the Select Device
and Connection tab (see Figure 2).
10. Click the Main Controls tab, and set the VCOout (MHz) box to
a frequency of 10,000 MHz (see Figure 6).
11. Click Write Initialization Sequence in the Registers area.
12. Connect the spectrum analyzer to SMA Connector RFOUT.
13. Measure the output spectrum and single sideband phase noise.
Figure 7 shows a phase noise plot of the SMA RFOUT at 10 GHz.
Figure 7. Single Sideband Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com