Electronic Components Datasheet Search
  English  ▼

X  

LT6100 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6100
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 1 Page - Linear Technology

  LT6100 Datasheet HTML 1Page - Linear Technology LT6100 Datasheet HTML 2Page - Linear Technology LT6100 Datasheet HTML 3Page - Linear Technology LT6100 Datasheet HTML 4Page - Linear Technology LT6100 Datasheet HTML 5Page - Linear Technology LT6100 Datasheet HTML 6Page - Linear Technology LT6100 Datasheet HTML 7Page - Linear Technology LT6100 Datasheet HTML 8Page - Linear Technology LT6100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6106
1
6106fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
36V Low Cost High Side
Current Sense in a SOT-23
The LT
®6106 is a versatile high side current sense ampli-
fier. Design flexibility is provided by the excellent device
characteristics: 250μV maximum offset and 40nA maxi-
mum input bias current. Gain for each device is set by two
resistors and allows for accuracy better than 1%.
The LT6106 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to
be translated into a ground referenced signal. The low DC
offset allows for monitoring very small sense voltages. As
a result, a small valued shunt resistor can be used, which
minimizes the power loss in the shunt.
The wide 2.7V to 44V input voltage range, high accuracy
and wide operating temperature range make the LT6106
ideal for automotive, industrial and power management
applications. The very low power supply current of the
LT6106 also makes it suitable for low power and battery
operated applications.
■
Gain Configurable with Two Resistors
■
Low Offset Voltage: 250μV Maximum
■
Output Current: 1mA Maximum
■
Supply Range: 2.7V to 36V, 44V Absolute Maximum
■
Low Input Bias Current: 40nA Maximum
■
PSRR: 106dB Minimum
■
Low Supply Current: 65μA Typical, V+ = 12V
■
Operating Temperature Range: –40°C to 125°C
■
Low Profile (1mm) ThinSOT
TM Package
■
Current Shunt Measurement
■
Battery Monitoring
■
Power Management
■
Motor Control
■
Lamp Monitoring
■
Overcurrent and Fault Detection
LT6106
1k
VOUT
200mV/A
6106 TA01a
100Ω
3V TO 36V
LOAD
0.02Ω
V+
V–
OUT
–IN
+IN
3V to 36V, 5A Current Sense with AV = 10
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Measurement Accuracy vs Load Current
LOAD CURRENT (A)
0
–1.2
–1.0
–0.6
–0.4
–0.2
2
4
5
0.6
6106 TA01b
–0.8
13
0
0.2
0.4
LIMIT OVER TEMPERATURE
LIMIT OVER TEMPERATURE
TYPICAL PART AT TA = 25°C
5A FULL SCALE
RSENSE = 0.02Ω
AV = 10
RIN = 100Ω
ROUT = 1k
V+ = 3V


Similar Part No. - LT6100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6100 LINER-LT6100 Datasheet
257Kb / 16P
Precision, Gain Selectable High Side Current Sense Amplifier
LT6100 LINER-LT6100 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6100 LINER-LT6100 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LT6100 LINER-LT6100 Datasheet
1Mb / 18P
Precision, Gain Selectable High Side Current Sense Amplifier
logo
Analog Devices
LT6100 AD-LT6100 Datasheet
1Mb / 14P
36V Low Cost High Side Current Sense in a SOT-23
Rev. C
More results

Similar Description - LT6100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
High Voltage, High-Side Current Sense Amplifier in SOT-23
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
Low cost high-side current sense amplifier
26-Jun-2008
logo
Linear Technology
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com