Electronic Components Datasheet Search
  English  ▼

X  

LT6100 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6100
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6100 Datasheet(HTML) 4 Page - Linear Technology

  LT6100 Datasheet HTML 1Page - Linear Technology LT6100 Datasheet HTML 2Page - Linear Technology LT6100 Datasheet HTML 3Page - Linear Technology LT6100 Datasheet HTML 4Page - Linear Technology LT6100 Datasheet HTML 5Page - Linear Technology LT6100 Datasheet HTML 6Page - Linear Technology LT6100 Datasheet HTML 7Page - Linear Technology LT6100 Datasheet HTML 8Page - Linear Technology LT6100 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT6106
4
6106fa
TYPICAL PERFORMANCE CHARACTERISTICS
Gain vs Frequency
Step Response 0mV to 10mV
(RIN = 100Ω)
Step Response 10mV to 20mV
(RIN = 100Ω)
Gain vs Frequency
Input Bias Current vs Supply
Voltage
Power Supply Rejection Ratio
vs Frequency
TEMPERATURE (°C)
–45
–0.30
–0.20
–0.10
0
35
6106 G04
–0.40
–0.50
–0.35
–0.25
–0.15
–0.05
–0.45
–0.55
–0.60
–25 –5
15
55
75
95 115 130
VOUT = 1V
IOUT = 1mA
ROUT = 1k
TYPICAL UNIT
V+ = 36V
V+ = 12V
V+ = 5V
V+ = 2.7V
SUPPLY VOLTAGE (V)
0
16
18
20
40
6106 G05
14
12
15
17
19
13
11
10
10
5
20
15
30 35
45
25
50
TA = –40°C
TA = 25°C
TA = 70°C
TA = 125°C
VSENSE = 5mV
RIN = 100Ω
FREQUENCY (Hz)
20
40
60
80
100
100
10k
100k
1M
6106 G06
0
1k
120
10
30
50
70
90
110
VOUT = 2.5V
VOUT = 5V
VOUT = 10V
V+ = 12.5V
AV = 20
RIN = 500Ω
ROUT = 10k
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
20
40
60
80
100
100
10k
100k
1M
6106 G08
0
1k
120
10
30
50
70
90
110
VOUT = 0.5V
VOUT = 1V
VOUT = 2V
V+ = 12.5V
AV = 20
RIN = 100Ω
ROUT = 2k
FREQUENCY (Hz)
10
40
45
5
0
35
20
30
25
15
1k
100k
1M
10M
6106 G09
–30
–25
–20
–15
–10
–5
10k
V+ = 12.5V
AV = 100
RIN = 100Ω
ROUT = 10k
VOUT = 10V
VOUT = 2.5V
VSENSE
20mV/DIV
VOUT
500mV/DIV
0V
5μs/DIV
AV = 100
VOUT = 0V TO 1V
ROUT = 10k
V+ = 12V
6106 G1
VSENSE
20mV/DIV
VOUT
500mV/DIV
0V
5μs/DIV
AV = 100
VOUT = 1V TO 2V
ROUT = 10k
V+ = 12V
6106 G1
FREQUENCY (Hz)
10
40
45
5
0
35
20
30
25
15
1k
100k
1M
10M
6106 G14
–30
–25
–20
–15
–10
–5
10k
V+ = 12.5V
AV = 20
RIN = 500Ω
ROUT = 10k
VOUT = 10V
VOUT = 2.5V
Gain Error vs Temperature
Gain Error Distribution
GAIN ERROR (%)
–0.60
0
4
2
8
6
10
24
20
–0.48
–0.36
22
18
16
14
12
–0.24
–0.12
0
6106 G24
V+ = 12.5V
VSENSE = 500mV
RIN = 500Ω
ROUT = 10k
11,072 UNITS
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com