Electronic Components Datasheet Search
  English  ▼

X  

TGA2227 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # TGA2227
Description  2 – 22 GHz GaN Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2227 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button TGA2227 Datasheet HTML 7Page - Qorvo, Inc TGA2227 Datasheet HTML 8Page - Qorvo, Inc TGA2227 Datasheet HTML 9Page - Qorvo, Inc TGA2227 Datasheet HTML 10Page - Qorvo, Inc TGA2227 Datasheet HTML 11Page - Qorvo, Inc TGA2227 Datasheet HTML 12Page - Qorvo, Inc TGA2227 Datasheet HTML 13Page - Qorvo, Inc TGA2227 Datasheet HTML 14Page - Qorvo, Inc TGA2227 Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TGA2227
2 – 22 GHz GaN Low Noise Amplifier
Data Sheet Rev E, Feb 2025 | Subject to change without notice
- 13 of 15 -
www.qorvo.com
Mechanical Drawing and Bond Pad Description
Pad Number
Symbol
Description
Pad Size (um x um)
1
RF Input
RF input pad, DC blocked
100 x 200
2
VC
Cascode voltage
100 x 100
3
VS
Drain voltage monitor
100 x 100
4
VD
Drain voltage
100 x 100
5
RF Output
RF output pad, DC blocked
100 x 200
6
VG
Gate voltage
100 x 100
0.210
0.000
1.490
1.380
0.110
1.190
Dimensions are in mm
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com