Electronic Components Datasheet Search
  English  ▼

X  

TGA2227 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGA2227
Description  2 – 22 GHz GaN Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2227 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGA2227 Datasheet HTML 1Page - Qorvo, Inc TGA2227 Datasheet HTML 2Page - Qorvo, Inc TGA2227 Datasheet HTML 3Page - Qorvo, Inc TGA2227 Datasheet HTML 4Page - Qorvo, Inc TGA2227 Datasheet HTML 5Page - Qorvo, Inc TGA2227 Datasheet HTML 6Page - Qorvo, Inc TGA2227 Datasheet HTML 7Page - Qorvo, Inc TGA2227 Datasheet HTML 8Page - Qorvo, Inc TGA2227 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TGA2227
2 – 22 GHz GaN Low Noise Amplifier
Data Sheet Rev E, Feb 2025 | Subject to change without notice
- 2 of 15 -
www.qorvo.com
Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency Range
2
–
22
GHz
Small Signal Gain
–
16.0
–
dB
Noise Figure
–
2.5
–
dB
Input Return Loss
–
10
–
dB
Output Return Loss
–
12
–
dB
PSAT
–
23.4
–
dBm
P1dB
–
20.3
–
dBm
IM3 (PIN
/tone = −4 dBm, Δf = 10 MHz)
–
−31
–
dBc
S21 Temperature Coefficient
–
−0.022
–
dB
 / °C
NF Temperature Coefficient
–
0.012
–
dB
 / °C
Recommended Operating Voltage
5
8
20
V
Test conditions, unless otherwise noted: TBASE
= 25 °C, VD = +8 V, VC = +2 V
Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency Range
2
–
22
GHz
Small Signal Gain
–
15.9
–
dB
Noise Figure
–
2.5
–
dB
Input Return Loss
–
10
–
dB
Output Return Loss
–
12
–
dB
PSAT
–
25.8
–
dBm
P1dB
–
22.6
–
dBm
IM3 (PIN
/tone = −4 dBm, Δf = 10 MHz)
–
−35
–
dBc
S21 Temperature Coefficient
–
−0.024
–
dB/°C
NF Temperature Coefficient
–
0.011
–
dB/°C
Recommended Operating Voltage
5
15
20
V
Test conditions, unless otherwise noted: TBASE
= 25 °C, VD = +15 V, VC = +4 V
Recommended Operating Conditions
Parameter
Value / Range
Drain Voltage (VD), Low
PDISS Bias
+8
.0 V
Drain Voltage (VD), Power Bias
+15.0 V
Quiescent Drain Current (IDQ)
125 mA
Gate Voltage (VG)
−3.0 V
Cascode Voltage (VC), Low
PDISS Bias
+2.0 V
Cascode Voltage (VC), Power Bias
+4.0 V
Operating Temperature Range
−40 to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com