Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3471
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology LT3471 Datasheet HTML 10Page - Linear Technology LT3471 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3498
7
3498f
BLOCK DIAGRAM
PIN FUNCTIONS
VOUT2 (Pin 7): Drain of Output Disconnect PMOS.
Place a bypass capacitor from this pin to GND. See the
Applications Information section.
CAP2 (Pin 8): Output of the OLED Driver. This pin is
connected to the cathode of the internal Schottky diode.
Place a bypass capacitor from this pin to GND.
SW2 (Pin 9): Switch Pin. This is the collector of the in-
ternal NPN power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
VIN (Pin 10): Input Supply Pin. Must be locally by-
passed.
SW1 (Pin 11): Switch Pin. Connect the inductor of the
white LED driver at this pin. Minimize metal trace area at
this pin to minimize EMI.
CAP1 (Pin 12): Output of the White LED Driver. This pin is
connected to the cathode of the internal Schottky. Connect
the output capacitor to this pin and the sense resistor from
this pin to the LED1 pin.
Exposed Pad (Pin 13): Ground. The Exposed Pad must
be soldered to the PCB.
–
+
–
+
+
–
+
–
+
–
+
+
6
5
1
Σ
12
8
7
11
10
9
4
2
3
RAMP
GENERATOR
2.3MHz
OSCILLATOR
SWITCH
CONTROL
START-UP
CONTROL
A2
VREF
R
S
Q
OVERVOLTAGE
PROTECTION
DISCONNECT
CONTROL
SHUNT
CONTROL
3498 BD
DRIVER
DRIVER
COMPARATOR
SW2
CAP1
LED1
VIN
RSENSE1
10
Ω
VOUT2
CAP2
RC
CC
C1
1
µF
C2
0.47
µF
RFB2
2.21M
Ω
Q2
A5
A1
A4
A3
C3
10
µF
L2
10
µF
SW1
GND2
FB2
CTRL2
CTRL1 GND1
R
Q1
182k
Ω
CIN
4.7
µF
L1
15
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com