Electronic Components Datasheet Search
  English  ▼

X  

LT3471 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3471
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 1 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3498
1
3498f
LED CURRENT (mA)
0.1
65
70
80
60
50
100
40
55
45
75
250
300
400
200
100
0
150
50
350
3498 TA01b
110
LOAD FROM VOUT2
VIN = 3.6V
VOUT2 = 16V
POWER LOSS
FROM VOUT2
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
20mA LED Driver and
OLED Driver with Integrated
Schottky in 3mm x 2mm DFN
The LT®3498 is a dual output boost converter featuring a
2.3MHz PWM LED Driver and PFM OLED Driver. It includes
an internal power switch and Schottky diode for each
driver. Both converters can be independently shut down
and modulated. This highly integrated power solution is
ideal for dual display electronic devices.
The 2.3MHz step-up converter is designed to drive up to six
white LEDs in series from a Li-Ion cell. The device features
a unique high side LED current sense that enables the part
to function as a “one-wire” current source—one side of the
LED string can be returned to ground anywhere. Traditional
LED drivers use a grounded resistor to sense LED current,
requiring a 2-wire connection to the LED string.
The PFM OLED driver is a low noise boost converter that
features a novel control technique.* The converter controls
power delivery by varying both the peak inductor current
and switch off time. This technique results in low output
voltage ripple, as well as, high efficiency over a wide load
range. The off time of the switch is not allowed to exceed a
fixed level, guaranteeing a switching frequency that stays
above the audio band.
Li-Ion to Six White LEDs and OLED/LCD Bias
■
Dual Output Boost for Dual Display Devices
■
Drives Up to Six White LEDs and OLED/LCD Bias
■
Internal Power Switches and Schottky Diodes
■
Independent Dimming and Shutdown
■
200mV High Side Sense on LED Driver Allows
“One-Wire Current Source”
■
Wide Input Voltage Range: 2.5V to 12V
■
Wide Output Voltage Range: Up to 32V
■
2.3MHz PWM Frequency for LED Driver
■
PFM for OLED Driver is Non-Audible Over Entire
Load Range
■
Open LED Protection (27V Maximum on CAP1 Pin)
■
OLED Output Disconnect
■
Available in 12-Pin DFN Package
■
1mm Tall Solution Height
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Patent Pending
OLED Efficiency
SHUTDOWN
AND
DIMMING
CONTROL
SHUTDOWN
AND
CONTROL
VIN
4.7
µF
0.47
µF
16V
24mA
20mA
15
µH
15
µH
1
µF
VIN = 3V TO 5V
VOUT2
10
Ω
2.21M
Ω
3498 TA01
LT3498
SW1
CAP1
SW2 CAP2
FB2
CTRL1
LED1
CTRL2
GND2
GND1
10
µF
ON
OFF
ON
OFF
■
Cellular Phones
■
PDAs, Handheld Computers
■
Digital Cameras
■
MP3 Players
■
GPS Receivers


Similar Part No. - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3471 LINER-LT3471 Datasheet
305Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter
LT3471EDD LINER-LT3471EDD Datasheet
266Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3471 LINER-LT3471_15 Datasheet
305Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter
More results

Similar Description - LT3471

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Texas Instruments
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
20mA LED Driver and OLED Driver with Integrated Schottky
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com