Electronic Components Datasheet Search
  English  ▼

X  

LTC2483 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2483
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 12Page - Linear Technology LTC2483 Datasheet HTML 13Page - Linear Technology LTC2483 Datasheet HTML 14Page - Linear Technology LTC2483 Datasheet HTML 15Page - Linear Technology LTC2483 Datasheet HTML 16Page - Linear Technology LTC2483 Datasheet HTML 17Page - Linear Technology LTC2483 Datasheet HTML 18Page - Linear Technology LTC2483 Datasheet HTML 19Page - Linear Technology LTC2483 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2450-1
17
24501fb
APPLICATIONS INFORMATION
noise contribution of the external drive circuit would be
Vn = ni • √π/2 • Fi. Then, the total system noise level can
be estimated as the square root of the sum of (Vn2) and
the square of the LTC2450-1 noise floor (≈2μV2).
Aliasing
The LTC2450-1 signal acquisition circuit is a sampled
data system and as such suffers from input signal alias-
ing. As can be seen from Figure 19, due to the very high
over-sample ratios the high frequency input signal attenu-
ation is reasonably good. Nevertheless a continuous time
antialiasing filter connected at the input will preserve
the converter accuracy when the input signal includes
undesirable high frequency components. The antialias-
ing function can be accomplished using the RS and CIN
components shown in Figure 15 sized such that τ = RS
• CIN > 450ns.
Figure 18. Input Signal Attenuation vs Frequency
(Low Frequencies)
Figure 19. Input Signal Attenuation vs Frequency
Signal Bandwidth and Noise Equivalent Input
Bandwidth
The LTC2450-1 includes a sinc1 type digital filter with the
first notch located at f0 = 60Hz. As such the 3dB input
signal bandwidth is 26.54Hz. The calculated LTC2450-1
input signal attenuation with frequency at low frequencies
is shown in Figure 18.
The LTC2450-1 input signal attenuation with frequency
over a wide frequency range is shown in Figure 19.
The converter noise level is about 1.4μVRMS and can be
modeled by a white noise source connected at the input
of a noise free converter.
For a simple system noise analysis the VIN drive circuit can
be modeled as a single pole equivalent circuit character-
ized by a pole location Fi and a noise spectral density ni.
If the converter has an unlimited bandwidth or at least
a bandwidth substantially larger than Fi, then the total
INPUT SIGNAL FREQUENCY (Hz)
0
–20
–10
0
480
24501 F18
–30
–40
–25
–15
–5
–35
–45
–50
120
60
240
180
360 420
540
300
600
INPUT SIGNAL FREQUENCY (MHz)
0
–40
0
10.0
12.5
15.0
24501 F19
–60
–80
–20
–100
2.5
5.0
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com