Electronic Components Datasheet Search
  English  ▼

X  

LT1764 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1764
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764 Datasheet(HTML) 3 Page - Linear Technology

  LT1764 Datasheet HTML 1Page - Linear Technology LT1764 Datasheet HTML 2Page - Linear Technology LT1764 Datasheet HTML 3Page - Linear Technology LT1764 Datasheet HTML 4Page - Linear Technology LT1764 Datasheet HTML 5Page - Linear Technology LT1764 Datasheet HTML 6Page - Linear Technology LT1764 Datasheet HTML 7Page - Linear Technology LT1764 Datasheet HTML 8Page - Linear Technology LT1764 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1965
3
1965f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Absolute maximum input to output differential voltage is not
achievable with all combinations of rated IN pin and OUT pin voltages.
With the IN pin at 22V, the OUT pin may not be pulled below 0V. The total
measured voltage from IN to OUT must not exceed ±22V.
Note 3: The LT1965 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT1965E is 100% tested at TA = 25°C. Performance
at –40°C and 125°C is assured by design, characterization, and correlation
with statistical process controls. The LT1965I is guaranteed over the full
–40°C to 125°C operating junction temperature range.
Note 4: The LT1965 is tested and specified for these conditions with the
ADJ connected to the OUT pin.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Notes 4, 12)
ILOAD = 0.5A
ILOAD = 1.1A
●
1.65
1.8
2.3
V
V
ADJ Pin Voltage (Notes 4, 5)
VIN = 2.1V, ILOAD = 1mA
2.3V < VIN < 20V, 1mA < ILOAD < 1.1A
●
1.182
1.164
1.20
1.20
1.218
1.236
V
V
Line Regulation (Note 4)
ΔVIN = 2.1V to 20V, ILOAD = 1mA
●
38
mV
Load Regulation
VIN = 2.3V, ΔILOAD = 1mA to 1.1A
VIN = 2.3V, ΔILOAD = 1mA to 1.1A
●
4.25
8
16
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 6, 7, 12)
ILOAD = 1mA
ILOAD = 1mA
●
0.05
0.08
0.14
V
V
ILOAD = 100mA
ILOAD = 100mA
●
0.10
0.175
0.28
V
V
ILOAD = 500mA
ILOAD = 500mA
●
0.19
0.25
0.36
V
V
ILOAD = 1.1A
ILOAD = 1.1A
●
0.29
0.36
0.49
V
V
GND Pin Current
VIN = VOUT(NOMINAL) + 1V
(Notes 6, 8)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1.1A
●
●
●
●
●
0.5
0.6
2.2
8.2
21
1.1
1.5
5.5
20
40
mA
mA
mA
mA
mA
Output Voltage Noise
COUT = 10μF, ILOAD = 1.1A, BW = 10Hz to 100kHz
40
μVRMS
ADJ Pin Bias Current (Notes 4, 9)
1.3
4.5
μA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
●
●
0.2
0.85
0.45
2V
V
⎯S⎯H⎯D⎯N Pin Current (Note 10)
V⎯S⎯H⎯D⎯N = 0V
V⎯S⎯H⎯D⎯N = 20V
0.01
5.5
1
10
μA
μA
Quiescent Current in Shutdown
VIN = 6V, V⎯S⎯H⎯D⎯N = 0V
0.01
1
μA
Ripple Rejection
VIN – VOUT = 1.5V (AVG), VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 0.75A
57
75
dB
Current Limit
VIN = 7V, VOUT = 0
VIN = VOUT(NOMINAL) + 1V, ΔVOUT = -0.1V (Note 6)
●
1.2
2A
A
Input Reverse Leakage Current
VIN = –20V, VOUT = 0
1
mA
Reverse Output Current (Note 11)
VOUT = 1.2V, VIN < 1.2V (Note 4)
175
400
μA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
Note 5: Maximum junction temperature limits operating conditions. The
regulated output voltage specification does not apply for all possible
combinations of input voltage and output current. Limit the output current
range if operating at the maximum input voltage. Limit the input-to-output
voltage differential if operating at the maximum output current.
Note 6: To satisfy minimum input voltage requirements, the LT1965 is
tested and specified for these conditions with an external resistor divider
(bottom 4.02k, top 4.32k) for an output voltage of 2.5V. The external
resistor divider adds 300μA of output DC load current.
Note 7: Dropout voltage is the minimum input-to-output voltage
differential needed to maintain regulation at a specified output current. In
dropout, the output voltage equals: (VIN – VDROPOUT)
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) + 1V and a
current source load. GND pin current increases slightly in dropout. See
GND pin current curves in the Typical Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com