Electronic Components Datasheet Search
  English  ▼

X  

LT1764 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1764
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764 Datasheet(HTML) 5 Page - Linear Technology

  LT1764 Datasheet HTML 1Page - Linear Technology LT1764 Datasheet HTML 2Page - Linear Technology LT1764 Datasheet HTML 3Page - Linear Technology LT1764 Datasheet HTML 4Page - Linear Technology LT1764 Datasheet HTML 5Page - Linear Technology LT1764 Datasheet HTML 6Page - Linear Technology LT1764 Datasheet HTML 7Page - Linear Technology LT1764 Datasheet HTML 8Page - Linear Technology LT1764 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1965
5
1965f
0
0.5
1.0
1.5
2.0
2.5
1965 G14
INPUT/OUTPUT DIFFERENTIAL (V)
016
4
8
12
20
14
2
6
10
18
TJ = 125°C
TJ = –50°C
TJ = 25°C
ΔVOUT = –100mV
0
0.4
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
1965 G07
INPUT VOLTAGE (V)
08
246
10
7
135
9
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.2V
RL = 24Ω, IL = 50mA*
RL = 120Ω, IL = 10mA*
RL = 1.2k, IL = 1mA*
0
5
10
15
20
25
1965 G08
INPUT VOLTAGE (V)
08
246
10
7
135
9
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.2V
RL = 1.091Ω, IL = 1.1A*
RL = 2.4Ω, IL = 500mA*
RL = 12Ω, IL = 100mA*
LOAD CURRENT (A)
0
0
5.00
10.0
15.0
0.2
0.4
0.6
0.8
1.0
20.0
25.0
2.50
7.50
12.5
17.5
22.5
1.2
1965 G09
VIN = VOUT(NOMINAL) + 1V
0
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
1965 G10
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
OFF TO ON
ON TO OFF
SHDN PIN VOLTAGE (V)
0
2
4
6
1
3
5
4
8
12
16
20
2
0
6
10
14
18
1965 G11
5.0
5.2
5.4
5.6
5.8
6.0
5.1
5.3
5.5
5.7
5.9
1965 G12
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VSHDN = 20V
0
1.0
2.0
3.0
4.0
4.5
0.5
1.5
2.5
3.5
1965 G13
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0
1.0
2.0
3.0
0.5
1.5
2.5
1965 G15
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VIN = 7V
VOUT = 0V
GND Pin Current
GND Pin Current
GND Pin Current vs ILOAD
TYPICAL PERFORMANCE CHARACTERISTICS
⎯S⎯H⎯D⎯N Pin Threshold
⎯S⎯H⎯D⎯N Pin Input Current
⎯S⎯H⎯D⎯N Pin Input Current
ADJ Pin Bias Current
Current Limit vs VIN–VOUT
Current Limit vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com