Electronic Components Datasheet Search
  English  ▼

X  

DAC716 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC716
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC716 Datasheet(HTML) 2 Page - Texas Instruments

  DAC716 Datasheet HTML 1Page - Texas Instruments DAC716 Datasheet HTML 2Page - Texas Instruments DAC716 Datasheet HTML 3Page - Texas Instruments DAC716 Datasheet HTML 4Page - Texas Instruments DAC716 Datasheet HTML 5Page - Texas Instruments DAC716 Datasheet HTML 6Page - Texas Instruments DAC716 Datasheet HTML 7Page - Texas Instruments DAC716 Datasheet HTML 8Page - Texas Instruments DAC716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
®
DAC716
SPECIFICATIONS
At TA = +25°C, +VCC = +15V, –VCC = –15V, unless otherwise noted.
StraightBinary
DAC716P, U
DAC716PB, UB
DAC716PK, UK
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±4
±2
±2
LSB
TMIN to TMAX
±8
±4
±2
LSB
Differential Linearity Error
±4
±2
±2
LSB
T
MIN to TMAX
±8
±4
±2
LSB
Monotonicity
14
15
15
Bits
Monotonicity Over Spec Temp Range
13
14
15
Bits
Gain Error(3)
±0.1
TT
%
T
MIN to TMAX
±0.25
TT
%
Unipolar Zero Error(3)
±0.1
TT
% of FSR(2)
TMIN to TMAX
±0.2
TT
% of FSR
Power Supply Sensitivity of Gain
±0.003
TT
%FSR/%VCC
±30
TT
ppm FSR/%V
CC
DYNAMIC PERFORMANCE
Settling Time
(to
±0.003%FSR, 5kW || 500pF Load)(4)
20V Output Step
6
10
TT
T
T
µs
1LSB Output Step(5)
4
TT
µs
Output Slew Rate
10
TT
V/
µs
Total Harmonic Distortion
0dB, 1001Hz, fS = 100kHz
0.005
TT
%
–20dB, 1001Hz, fS = 100kHz
0.03
TT
%
–60dB, 1001Hz, f
S = 100kHz
3.0
TT
%
SINAD: 1001Hz, fS = 100kHz
87
TT
dB
Digital Feedthrough(5)
2
TT
nV–s
Digital-to-Analog Glitch Impulse(5)
15
TT
nV–s
Output Noise Voltage (includes reference)
120
TT
nV/
√Hz
ANALOG OUTPUT
Output Voltage Range
+VCC, –VCC = ±11.4V
+10
TT
V
Output Current
±5
TT
mA
Output Impedance
0.1
TT
W
Short Circuit to ACOM Duration
Indefinite
TT
REFERENCE VOLTAGE
Voltage
+9.975
+10.000
+10.025
TTT
TT
T
V
TMIN to TMAX
+9.960
+10.040
TT
T
T
V
Output Resistance
1
TT
W
Source Current
2
TT
mA
Short Circuit to ACOM Duration
Indefinite
TT
INTERFACE
RESOLUTION
16
TT
Bits
DIGITAL INPUTS
Serial Data Input Code
Logic Levels(1)
VIH
+2.0
(VCC –1.4)
TT
T
T
V
VIL
0
+0.8
TT
T
T
V
I
IH (VI = +2.7V)
±10
TT
µA
IIL (VI = +0.4V)
±10
TT
µA
DIGITAL OUTPUT
Serial Data
V
OL (ISINK = 1.6mA)
0
+0.4
TT
T
T
V
VOH (ISOURCE = 500µA),TMIN to TMAX
+2.4
+5
TT
T
T
V
POWER SUPPLY REQUIREMENTS
Voltage
+VCC
+11.4
+15
+16.5
TTT
TT
T
V
–VCC
–11.4
–15
–16.5
TTT
TT
T
V
Current (No Load,
±15V Supplies)(6)
+VCC
13
16
TT
T
T
mA
–VCC
22
26
TT
T
T
mA
Power Dissipation(7)
625
TT
mW
TEMPERATURE RANGES
Specification
All Grades
–40
+85
TT
0
+70
°C
Storage
–60
+150
TT
T
T
°C
Thermal Coefficient,
θ
JA
75
TT
°C/W
T Specifications are the same as the grade to the left.
NOTES: (1) Digital inputs are TTL and +5V CMOS compatible over the specification temperature range. (2) FSR means Full Scale Range. For example, for 0 to +10V output, FSR = 10V. (3) Errors externally
adjustable to zero. (4) Maximum represents the 3
σ limit. Not 100% tested for this parameter. (5) For the worst-case Straight Binary code changes: 7FFF to 8000 and 8000 to 7FFF. (6) During power supply
turn on, the transient supply current may approach 3x the maximum quiescent specification. (7) Typical (i.e. rated) supply voltages times maximum currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com