Electronic Components Datasheet Search
  English  ▼

X  

DAC716 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC716
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC716 Datasheet(HTML) 4 Page - Texas Instruments

  DAC716 Datasheet HTML 1Page - Texas Instruments DAC716 Datasheet HTML 2Page - Texas Instruments DAC716 Datasheet HTML 3Page - Texas Instruments DAC716 Datasheet HTML 4Page - Texas Instruments DAC716 Datasheet HTML 5Page - Texas Instruments DAC716 Datasheet HTML 6Page - Texas Instruments DAC716 Datasheet HTML 7Page - Texas Instruments DAC716 Datasheet HTML 8Page - Texas Instruments DAC716 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
®
DAC716
TIMING SPECIFICATIONS
TA = –40°C to +85°C, +VCC = +15V, –VCC = –15V.
SYMBOL
PARAMETER
MIN
MAX
UNITS
t
CLK
Data Clock Period
100
ns
tCL
Clock LOW
50
ns
tCH
Clock HIGH
50
ns
tA0S
Setup Time for A0
50
ns
t
A1S
Setup Time for A
1
50
ns
tAOH
Hold Time for A0
10
ns
tA1H
Hold Time for A1
10
ns
tDS
Setup Time for DATA
50
ns
t
DH
Hold Time for DATA
10
ns
tDSOP
Output Propagation Delay
140
ns
tCP
Clear Pulsewidth
200
ns
A0
A1
CLK
CLR
DESCRIPTION
01
1
→ 0 → 1
1
Shift Serial Data into SDI
10
1
→ 0 → 1
1
Load D/A Latch
11
1
→ 0 → 1
1
No Change
00
1
→ 0 → 1
1
Two Wire Operation(1)
X
X
1
1
No Change
X
X
X
0
Reset D/A Latch
NOTES: X = Don’t Care. (1) All digital input changes will appear at the
D/A output.
TRUTH TABLE
TIMING DIAGRAMS
Serial Data In
Serial Data Out
CLK
A
0
SDO
Serial Data Out
t
A0H
t
A0S
D
0
D
14
D
15
t
CLK
t
CH
t
CL
t
DS
t
DSOP
t
DSOP
CLK
A
0
SDI
Serial Data Input
MSB First
Latch Data
In D/A Latch
A
1
t
A0H
D
0
D
14
D
15
t
A1S
t
A1H
t
DH
t
DS
t
A0S
t
CLK
t
CP
t
CH
t
CL
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com