Electronic Components Datasheet Search
  English  ▼

X  

DAC811 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC811
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC811 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC811 Datasheet HTML 2Page - Texas Instruments DAC811 Datasheet HTML 3Page - Texas Instruments DAC811 Datasheet HTML 4Page - Texas Instruments DAC811 Datasheet HTML 5Page - Texas Instruments DAC811 Datasheet HTML 6Page - Texas Instruments DAC811 Datasheet HTML 7Page - Texas Instruments DAC811 Datasheet HTML 8Page - Texas Instruments DAC811 Datasheet HTML 9Page - Texas Instruments DAC811 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
®
DAC811
6
±12V OPERATION
The DAC811 is fully specified for operation on
±12V power
supplies. However, in order for the output to swing to
±10V,
the power supplies must be
±13.5V or greater. When oper-
ating with
±12VB supplies, the output swing should be
restricted to
±8V in order to meet specifications.
LOGIC INPUT COMPATIBILITY
The DAC811 digital inputs are TTL, LSTTL, and 54/74HC
CMOS-compatible over the operating range of VDD. The
input switching threshold remains at the TLL threshold over
the supply range.
The logic input current over temperature is low enough to
permit driving the DAC811 directly from the outputs of
4000B and 54/74C CMOS devices.
Resistors of 47
Ω should be placed in series with D0 through
D11, WR, NA, NB, NC and LDAC if edges are <10ns or if
the logic input is driven below ground by undershoot.
INSTALLATION
POWER SUPPLY CONNECTIONS
For optimum performance and noise rejection, power supply
decoupling capacitors should be added as shown in Figure 5.
These capacitors (1
µF tantalum recommended) should be
located close to the DAC811.
FIGURE 3. Relationship of Offset and Gain Adjustments
for a Unipolar D/A Converter.
FIGURE 4. Relationship of Offset and Gain Adjustments
for a Bipolar D/A Converter.
TABLE III. Digital Input/Analog Output.
ANALOG OUTPUT
DIGITAL INPUT
0 to +10V
±5V
±10V
111111111111
+9.9976V
+4.9976V
+9.9951V
100000000000
+5V
0V
0V
011111111111
+4.9976V
–0.0024V
–0.0049V
000000000000
0V
–5V
–10V
LSB
2.4mV
2.44mV
4.88mV
MSB
LSB
↓↓
GAIN ADJUSTMENT
For either unipolar or bipolar configurations, apply the
digital input that should give the maximum positive voltage
output. Adjust the gain potentiometer for this positive full
scale voltage. See Table III for positive full scale voltages.
FIGURE 5. Power Supply, Gain, and Offset Potentiometer
Connections.
+ Full Scale
All Bits
Logic 0
1LSB
Range of
Offset Adj.
Offset Adjust Translates the Line
Digital Input
All Bits
Logic 1
Range of
Gain Adjust
Gain Adjust
Rotates the Line
+ Full Scale
All Bits
Logic 0
1LSB
Range of
Offset Adjust
Digital Input
All Bits
Logic 1
Full Scale
Range
Gain Adjust
Rotates the Line
– Full Scale
MSB on All
Others Off
Bipolar V
Offset
Range of
Gain Adjust
Offset Adj.
Translates
the Line
≈ ±0.4%
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
10k
to
100k
Ω
Ω
DD
V
BPO
V
DD
Summing
Junction
V
ACOM
Gain Adjust
DCOM
+V
CC
–V
CC
OUT
1
µF
0.0022
µF
1
µF
3.9M
Ω
1
µF
–V
CC
+V
CC
+V
CC
10k
to
100k
Ω
Ω
–V
CC
1M
Ω
Connect for
Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com