Electronic Components Datasheet Search
  English  ▼

X  

DAC811 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC811
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC811 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC811 Datasheet HTML 4Page - Texas Instruments DAC811 Datasheet HTML 5Page - Texas Instruments DAC811 Datasheet HTML 6Page - Texas Instruments DAC811 Datasheet HTML 7Page - Texas Instruments DAC811 Datasheet HTML 8Page - Texas Instruments DAC811 Datasheet HTML 9Page - Texas Instruments DAC811 Datasheet HTML 10Page - Texas Instruments DAC811 Datasheet HTML 11Page - Texas Instruments DAC811 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
®
DAC811
ADDRESS BUS
A3
A2
A1
A0
OPERATION
0
0
0
0
Load 8 LSB – D/A #1
0
0
0
1
Load 4 MSB – D/A #1
0
0
1
0
Load 8 MSB – D/A #2
0
0
1
1
Load 4 MSB – D/A #2
0
1
0
0
Load 8 MSB – D/A #3
0
1
0
1
Load 4 MSB – D/A #3
0
1
1
0
Load 8 MSB – D/A #4
0
1
1
1
Load 4 MSB – D/A #4
1
X
X
X
Load D/A Latch—All D/A
FIGURE 12. Interfacing Multiple DAC811s to an 8-Bit Bus.
Base
Address
Decoder
WR
A
A
15
4
A
A
A
2
1
0
A
3
74LS138
C
B
A
G
G
G
2A
2B
1
WR
LDAC
N
N
N
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
15
14
13
12
11
10
9
7
3
2
1
4
6
5
CS
DAC811
(4)
C
B
A
WR
LDAC
N
N
N
DAC811
(1)
C
B
A
WR
LDAC
N
N
N
DAC811
(2)
C
B
A
INTERFACING MULTIPLE DAC811s
IN 8-BIT SYSTEMS
Many applications, such as automatic test systems, require
that the outputs of several D/A converters be updated simul-
taneously. The interface shown in Figure 12 uses a 74LS138
decoder to decode a set of eight adjacent addresses, to load
the input latches of four DAC811s. The example shows a
right-justified data format.
A ninth address using A3 causes all DAC811s to be updated
simultaneously. If a particular DAC811 is always loaded
last—for instance, D/A #4—A3 is not needed, thus saving
eight address spaces for other uses. Incorporate A3 into the
base address decoder, remove the inverter, connect the
common LDAC line to NC of D/A #4, and connect D1 of the
74LS138 to +5V.
12- AND 16-BIT MICROCOMPUTER INTERFACE
For this application, the input latch enable lines, NA, NB and
NC, are tied low, causing the latches to be transparent. The
D/A latch, and therefore DAC811, is selected by the address
decoder and strobed by WR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com