Electronic Components Datasheet Search
  English  ▼

X  

DF1704 Datasheet(PDF) 6 Page - Texas Instruments

Part # DF1704
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DF1704 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DF1704 Datasheet HTML 2Page - Texas Instruments DF1704 Datasheet HTML 3Page - Texas Instruments DF1704 Datasheet HTML 4Page - Texas Instruments DF1704 Datasheet HTML 5Page - Texas Instruments DF1704 Datasheet HTML 6Page - Texas Instruments DF1704 Datasheet HTML 7Page - Texas Instruments DF1704 Datasheet HTML 8Page - Texas Instruments DF1704 Datasheet HTML 9Page - Texas Instruments DF1704 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DF1704
6
SBAS099A
RESET
The DF1704 has both an internal power-on reset circuit and
a reset pin, RST (pin 14), for providing an external reset
signal. The internal power-on reset is performed automati-
cally when power is applied to the DF1704, as shown in
Figure 2. The RST pin can be used to synchronize the
DF1704 with a system reset signal, as shown in Figure 3.
SYSTEM CLOCK REQUIREMENTS
The system clock of the DF1704 can be supplied by either
an external clock signal at XTI (pin 6), or by the on-chip
crystal oscillator. The system clock rate must run at 256fS,
384fS, 512fS, or 768fS, where fS is the audio sampling rate.
It should be noted that a 768fS system clock cannot be used
when fS = 96kHz. In addition, the on-chip crystal oscillator
is limited to a maximum frequency of 24.576MHz. Table I
shows the typical system clock frequencies for selected
sample rates.
The DF1704 includes a system clock detection circuit that
determines the system clock rate in use. The circuit com-
pares the system clock input (XTI) frequency with the
LRCIN input rate to determine the system clock multiplier.
Ideally, LRCIN and BCKIN should be derived from the
system clock to ensure proper synchronization. If the phase
difference between the system clock and LRCIN is larger
than
±6 bit clock (BCKIN) periods, the synchronization of
the system and LRCIN clocks will be performed automati-
cally by the DF1704.
Timing requirements for the system clock input are shown in
Figure 1.
AUDIO INPUT INTERFACE
The audio input interface is comprised of BCKIN (pin 2),
LRCIN (pin 28), and DIN (pin 1).
BCKIN is the input bit clock, which is used to clock data
applied at DIN into the DF1704’s input serial interface.
Input data at DIN is clocked into the DF1704 on the rising
edge of BCKIN. The left/right clock, LRCIN, is used as a
word latch for the audio input data.
BCKIN can run at 32fS, 48fS, or 64fS, where fS is the audio
sample frequency. LRCIN is run at the fS rate. Figures 4 (a)
through 4 (c) show the input data formats, which are sel-
ected by hardware or software controls. Figure 5 shows the
audio input interface timing requirements.
SYSTEM CLOCK FREQUENCY (MHz)
SAMPLING RATE FREQUENCY (fS)
256fS
384fS
512fS
768fS
32kHz
8.1920
12.2880
16.3840
24.5760
44.1kHz
11.2896
16.9340
22.5792
33.8688(1)
48kHz
12.2880
18.4320
24.5760
36.8640(1)
96kHz
24.5760(3)
36.8640(1)
49.1520(1)
See Notes 1, 2
NOTES: (1) Maximum crystal oscillator frequency is 24.576MHz and cannot be used for these combinations. (2) 768fS system clock cannot be used with 96kHz
sampling rate. (3) Use external system clock applied at XTI.
TABLE I. Typical System Clock Frequencies.
FIGURE 1. System Clock Timing.
1024 system clocks
Reset
Reset Removal
VDD 2.2V
2.6V
1.8V
Internal Reset
System Clock
FIGURE 2. Internal Power-On Reset Timing.
FIGURE 3. External Forces Reset Timing.
t
SCKH
System Clock Pulse Width HIGH
:t
SCKIH
:7ns min(1)
System Clock Pulse Width LOW
:t
SCKIL
:7ns min(1)
t
SCKL
2.0V
0.8V
“H”
“L”
XTI
NOTE: (1) For f
S = 96kHz and SCK = 256fS, tSCKIH = 14ns (min)
t
SCKIL = 14ns (min)
For f
S ≠ 96kHz and SCK = 256fS, tSCKIH = 20ns (min)
t
SCKIL = 20ns (min)
1024 system (XTI) clocks
Reset
Reset Removal
System Clock
Internal Reset
RST
tRST
tRST ≥ 20ns
During the power-on reset period (1024 system clocks), the
DF1704 outputs are forced LOW. For an external forced
reset, the outputs are forced LOW during the initialization
period (1024 system clocks), which occurs after the LOW-
to-HIGH transition of the RST pin as shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com