Electronic Components Datasheet Search
  English  ▼

X  

DF1704 Datasheet(PDF) 10 Page - Texas Instruments

Part # DF1704
Description  Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DF1704 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DF1704 Datasheet HTML 6Page - Texas Instruments DF1704 Datasheet HTML 7Page - Texas Instruments DF1704 Datasheet HTML 8Page - Texas Instruments DF1704 Datasheet HTML 9Page - Texas Instruments DF1704 Datasheet HTML 10Page - Texas Instruments DF1704 Datasheet HTML 11Page - Texas Instruments DF1704 Datasheet HTML 12Page - Texas Instruments DF1704 Datasheet HTML 13Page - Texas Instruments DF1704 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
DF1704
10
SBAS099A
Figures 8 through 10 show more details regarding the
control port data format and timing requirements. The data
format for the control port is 16-bit, MSB-first, with Bit B15
being the MSB.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
MODE0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
MODE1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
MODE2
res
res
res
res
res
A1
A0
res
res
OW1
OW0
IW1
IW0
res
DEM
MUT
MODE3
res
res
res
res
res
A1
A0
res
SF1
SF0
CKO
res
SRO
ATC
LRP
I2S
B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
ML
MC
MD
FIGURE 8. Internal Mode Control Registers.
FIGURE 9. Software Interface Format.
PIN
PIN
NAME
NUMBER
DESCRIPTION
RESV
13
Reserved, Not Used
LRIP
12
LRCIN Polarity
LRIP = L: LRCIN= H = Left Channel, LRCIN= L = Right Channel
LRIP = H: LRCIN= L = Left Channel, LRCIN = H = Right Channel
CKO
11
CLKO Output Frequency
CKO = H: CLKO Frequency = XTI/2
CKO = L: CLKO Frequency = XTI
MUTE
15
Soft Mute Control: H = Mute Off, L = Mute On
I2S
3
Input Data Format Controls
IW0
4
IW1
5
I2S
IW1
IW0
INPUT FORMAT
L
L
L
16-Bit, Standard, MSB-First, Right-Justified
L
L
H
20-Bit, Standard, MSB-First, Right-Justified
L
H
L
24-Bit, Standard, MSB-First, Right-Justified
L
H
H
24-Bit, MSB-First, Left-Justified
H
L
L
16-Bit, I2S
H
L
H
24-Bit, I2S
SRO
27
Digital Filter Roll-Off: H = Slow, L = Sharp
OW0
19
Output Data Word Length Controls
OW1
20
OW1 OW0
OUTPUT FORMAT
L
L
16-Bit, MSB-First
L
H
18-Bit, MSB-First
H
L
20-Bit, MSB-First
H
H
24-Bit, MSB-First
SF0
17
Sample Rate Selection for the Digital De-Emphasis Control
SF1
18
SF1
SF0
SAMPLING RATE
L
L
44.1kHz
L
H
Reserved, Not Used
H
L
48kHz
H
H
32kHz
DEM
16
Digital De-Emphasis: H = On, L = Off
TABLE IV. Hardware Mode Controls.
REGISTER
BIT
NAME
NAME
DESCRIPTION
MODE0
AL[7:0]
Attenuation Data for the Left Channel
LDL
Attenuation Load Control for the Left Channel
A[1:0]
Register Address
res
Reserved
MODE1
AR[7:0]
Attenuation Data for the Right Channel
LDL
Attenuation Load Control for the Right Channel
A[1:0]
Register Address
res
Reserved
MODE2
MUT
Soft Mute Control
DEM
Digital De-Emphasis Control
IW[1:0]
Input Data Format and Word Length
OW[1:0]
Output Data Word Length
A[1:0]
Register Address
res
Reserved
MODE3
I2S
Input Data Format (I2S or Standard/Left-Justified)
LRP
LRCIN Polarity
ATC
Attenuator Control, Dependent or Independent
SRO
Digital Filter Roll-Off Selection (sharp or slow)
CKO
CLKO Frequency Selection (XTI or XTI
÷ 2)
SF[1:0]
Sample Rate Selection for De-Emphasis Function
A[1:0]
Register Address
res
Reserved
NOTE: All reserved bits should be programmed to 0.
TABLE V. Internal Register Mapping.
Register Addressing
A[1:0], bits B10 and B9 of the 16-bit control data word, are
used to indicate the register address to be written to by the
current control port write cycle. Table VI shows how to
address the internal registers using bits A[1:0] of registers
MODE0 through MODE3.
A1
A0
REGISTER SELECTED
0
0
MODE0
0
1
MODE1
1
0
MODE2
1
1
MODE3
TABLE VI. Internal Register Addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com