Electronic Components Datasheet Search
  English  ▼

X  

AV4PRO-VGA-DUAL Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AV4PRO-VGA-DUAL
Description  ADDERVIEW 4PRO-VGA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV4PRO-VGA-DUAL Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AV4PRO-VGA-DUAL Datasheet HTML 1Page - Infinite Electronics International, Inc. AV4PRO-VGA-DUAL Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVM over IP
Solutions
Experts in
Connectivity
Solutions
FEATURES
USB keyboard and mouse control
The ADDERView Pro features high
resolution VGA video with extended
DDC EDID profile.The extended DDC
EDID profile ensures that the switched
graphics card is always optimised to work
with your screen.The VGA capabilities
enable users to work at high resolutions
on each head for resolution intensive
applications such as media/graphic design
or detailed medical imaging.
True Emulation USB 2.0 technology
The AV4PRO-VGA belongs to the first
KVMA range of switches to feature
Adder’s advanced True USB Emulation
technology. Emulated USB provides an
instantaneous and reliable switching
action and makes keyboard hotkey and
mouse switching possible. Previous
implementations have used generic
emulations and consequently have only
been able to support the most basic
keyboard and mouse features.Adder’s
revolutionary True Emulation technology
overcomes this frustrating limitation
by emulating the true character of the
connected devices to all the computers
simultaneously.This means that you can
now use the extra function keys, wheels,
buttons and controls that are commonly
found on modern keyboards and mice.
Independent simultaneous device
selection
Flexibility is key to the ADDERView Pro.
The switch enables you to use the KVMA
console to work on one computer whilst
your USB peripherals are connected to
other computers and your speakers are
playing music from yet another. You can of
course still switch all connected devices
to any one of the connected computers
as with any other KVM switch.
Channel selection options
The ADDERView Pro can be switched
using selectable keyboard hotkeys, 3
button mice or the front panel controls.
Optionally, you can also use the RC4
remote switch to make your selection.
These switching options allow you to
rapidly reasign connected devices to any
of the connected computers.
Broad USB 2.0 Hi Speed device support
A vast range of USB devices can be
connected to the ADDERView Pro, from
non standard human interface devices
to printers and scanners.This gives great
flexibility. For example, you could be
scanning a set of documents onto one
computer whilst working on another
and printing from yet another, all at
the same time.The USB 2.0 switching
action has been carefully engineered to
ensure maximum computer reliability
when connecting and disconnecting USB
devices.
Options port for control, synchronisation
and upgrade
An ‘Options’ port enables the AV4PRO-
VGA to be remotely switched using
simple ASCII codes.When the channel
is switched, the same ASCII codes are
echoed to the ‘Options’ port and so,
by linking ‘Options’ ports, two or more
PRODUCT IN BRIEF
The AV4PRO-VGA is designed to
enable four multihead computers to be
controlled from a single high resolution
KVM console using high definition
analogue VGA video links.The switch
makes use of Adder’s USB True
Emulation technology which enables
USB HID devices to be continuously
emulated to each computer.This unique
technology enables instantaneous
and reliable hotkey switching whilst
also supporting the extra keys and
features of enhanced keyboards and
mice. Furthermore, the ADDERView
4PRO-VGA includes two independently
switchable USB 2.0 channels and an
audio channel, giving the user the
flexibility to attach selected peripherals
to different computers.
ADDERVIEW 4PRO-VGA
Ultimate flexibility for sharing high-res screens and USB peripherals
KVMA switch to share Video and
USB between multiple sources
ADDERView PRO Range
Independent simultaneous
device selection
Switching all connected devices
to a single computer


Similar Part No. - AV4PRO-VGA-DUAL

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV4PRO-VGA-US L-COM-AV4PRO-VGA-US Datasheet
1Mb / 2P
KVMA switch to share Video and USB between multiple sources
More results

Similar Description - AV4PRO-VGA-DUAL

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD064VT5 AZDISPLAYS-PD064VT5 Datasheet
494Kb / 23P
Compatible with VGA-480 , VGA-400 , VGA-350 mode
logo
ADL Embedded Solutions
MSMVGA104 ADL-MSMVGA104 Datasheet
165Kb / 1P
VGA Module, VGA/LCD Module
logo
Maxim Integrated Produc...
MAX4895E MAXIM-MAX4895E Datasheet
138Kb / 8P
VGA Port Protector
Rev 0; 4/09
logo
Yamaichi Electronics Co...
DVIP012+5-VGA15S-G YAMAICHI-DVIP012+5-VGA15S-G Datasheet
32Kb / 1P
DVIP / VGA Adapter
logo
Axiomtek Co., Ltd.
OPS860 AXIOMTEK-OPS860 Datasheet
256Kb / 1P
VGA connector
OPS860-HM AXIOMTEK-OPS860-HM Datasheet
259Kb / 1P
VGA connector
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
VGA Graphics Engine
logo
Maxim Integrated Produc...
MAX4895E MAXIM-MAX4895E_V01 Datasheet
150Kb / 8P
VGA Port Protector
2010
logo
Mitsubishi Electric Sem...
AA057VF12 MITSUBISHI-AA057VF12 Datasheet
635Kb / 22P
5.7”VGA
Dec.26,11
logo
CoolCox Limited All rig...
VC-AL4010 COOLCOX-VC-AL4010 Datasheet
349Kb / 1P
VGA COOLER AL4010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com