Electronic Components Datasheet Search
  English  ▼

X  

AV4PRO-VGA-DUAL Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AV4PRO-VGA-DUAL
Description  ADDERVIEW 4PRO-VGA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV4PRO-VGA-DUAL Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AV4PRO-VGA-DUAL Datasheet HTML 1Page - Infinite Electronics International, Inc. AV4PRO-VGA-DUAL Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADDER TECHNOLOGY
Technology House,Trafalgar Way, Bar Hill,
Cambridge, CB23 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
350R Merrimac St.
Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
8 Burn Road
#04-10 Trivex, Singapore 369977
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
© Copyright 2011 Adder Technology Ltd. All brand names and trademarks are the property of their respective owners. LM-av4pro_vga_v1.indd
RELATED PRODUCTS
Adder offer a vast range of products
to suit your needs. Other products you
may be interested in include:
ADDERView 4PRO DVI
AV4PRO-DVI
ADDERView 4PRO
DisplayPort
AV4PRO-DP
ADDERView 4PRO MS
AV4PRO-VGA-DUAL;
AV4PRO-VGA-TRIPLE;
AV4PRO-VGA-QUAD
ADDERView 8PRO
AV8PRO-DVI
FEATURES continued...
units can be switched in synchrony to
switch more than 4 video heads.The port
enables a 4 button switch unit (RC4) to
be used with the ADDERView 4PRO.The
same port can also be used to upgrade the
firmware to guarantee that your hardware
investment continues to deliver real value
well into the future.
ABOUT ADDER
Adder is a leading developer and
thought leader in connectivity
solutions.Adder’s advanced range
of KVM switches, extenders and IP
solutions enable the control of local,
remote and global IT systems across
the enterprise.
To find out more, visit:
http://www.adder.com
ORDERING INFORMATION
ADDERView PRO 4 port version:
AV4PRO-VGA-XX
XX
= Mains Lead Country Code:
UK
= United Kingdom
US
= United States
EURO
= Europe
AUS
= Australia
ADDITIONAL ACCESSORIES
RMK3: Rack Mount Kit
VSC18: 2m VGA analog video cable
VSC18: 2m USB cable (type A to B)
VSC22: 2m Audio cable
VSC40: Flash upgrade adapter plus standard 3m patch lead
RC4-8P8C: RC4 remote control plus standard 3m patch lead
TECHNICAL SPECIFICATIONS
Hardware compatibility
All computers with USB interfaces
Software compatibility
Operates with all known software and
operating systems including Windows (all),
DOS, Linux, Unix, BSD, all Sun OS, all Mac
OS, NetWare etc.
Computer connections at switch
USB 2.0 type B, Hi Res VGA (up to 4 per
connection), 3.5mm stereo jack
Local KVM console connection
Video:VGA, Keyboard/Mouse: 2 x USB
type A, Switched USB: 2 x USB 2.0 type A
USB True Emulation: Emulates keyboard
and mouse on each port. Low speed
HID USB 2.0 devices supported.Audio:
3.5mm stereo jack.Other Connections:
Options (flash upgrade, sync with other
AV4PRO-VGA and RS232 triggered power
switches): Modular 10P10C
Physical design
2.5U high metal case
260mm (w), 150mm (d), 100mm (h)
Power connection
2.5mm DC jack (power adapter
included),100-240VAC 50/60Hz input to
power adapter, 5VDC 2A output from
power adapter
Operating temperature
0ºC to 40ºC / 32ºF to 104ºF
Approvals
CE, FCC
ADDERVIEW 4PRO-VGA
Ultimate flexibility for sharing high-res screens and USB peripherals
45 Beechwood Dr., North Andover, MA 01845
www.L-com.com
Fax: 978-689-9484
E-mail: sales@L-com.com
Toll Free: 1-800-343-1455
Distributed by:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com