Electronic Components Datasheet Search
  English  ▼

X  

SAC Datasheet(PDF) 3 Page - YAGEO Corporation

Part # SAC
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SAC Datasheet(HTML) 3 Page - YAGEO Corporation

  SAC Datasheet HTML 1Page - YAGEO Corporation SAC Datasheet HTML 2Page - YAGEO Corporation SAC Datasheet HTML 3Page - YAGEO Corporation SAC Datasheet HTML 4Page - YAGEO Corporation SAC Datasheet HTML 5Page - YAGEO Corporation SAC Datasheet HTML 6Page - YAGEO Corporation SAC Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
7
Product Specification
SAC
Transient Voltage Suppressors
Circuit Protection
www.ya geo.com
Jun. 30, 2023 V.3
Dimensions (DO-204AC/DO-15)
L
L
T
s
DIA.
d
DIA.
Cathode Band
Symbol
Millimeters
Inches
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
5.80
7.60
0.230
0.300
d
2.60
3.60
0.104
0.140
s
0.71
0.86
0.028
0.034
Electrical Characteristics (TA=25℃)
Part
Number
Reverse
Stand-Off
Voltage
Minimum
Breakdown
Voltage
@IT=1mA
Maximum
Reverse
Leakage
@VRWM
Maximum
Clamping
Voltage
@IPP=5A
Maximum
Peak
Pulse
Current
Maximum
Junction
Capacitance
@0V
Working
Inverse
Blocking
Voltage
Inverse
Blocking
Leakage
Current
Peak
Inverse
Blocking
Voltage
VRWM(V)
VBR(V)
IR
(μA)
VC(V)
IPP(A)
pF
VWIB(V)
IIB(mA)
VPIB(V)
SAC5.0
5.0
7.60
300
10.0
44.0
50
75
1.0
100
SAC6.0
6.0
7.90
300
11.2
41.0
50
75
1.0
100
SAC7.0
7.0
8.33
300
12.6
38.0
50
75
1.0
100
SAC8.0
8.0
8.89
100
13.4
36.0
50
75
1.0
100
SAC8.5
8.5
9.44
50
14.0
34.0
50
75
1.0
100
SAC10
10.0
11.10
5
16.3
29.0
50
75
1.0
100
SAC12
12.0
13.30
1
19.0
25.0
50
75
1.0
100
SAC15
15.0
16.70
1
23.6
20.0
50
75
1.0
100
SAC18
18.0
20.00
1
28.8
15.0
50
75
1.0
100
SAC22
22.0
24.40
1
35.4
14.0
50
75
1.0
100
SAC26
26.0
28.90
1
42.3
11.1
50
75
1.0
100
SAC30
30.0
33.30
1
48.6
10.0
50
75
1.0
100
SAC36
36.0
40.00
1
60.0
8.6
50
75
1.0
100
SAC45
45.0
50.00
1
77.0
6.8
50
150
1.0
200
SAC50
50.0
55.50
1
88.0
5.8
50
150
1.0
200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com