Electronic Components Datasheet Search
  English  ▼

X  

SAC Datasheet(PDF) 4 Page - YAGEO Corporation

Part # SAC
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SAC Datasheet(HTML) 4 Page - YAGEO Corporation

  SAC Datasheet HTML 1Page - YAGEO Corporation SAC Datasheet HTML 2Page - YAGEO Corporation SAC Datasheet HTML 3Page - YAGEO Corporation SAC Datasheet HTML 4Page - YAGEO Corporation SAC Datasheet HTML 5Page - YAGEO Corporation SAC Datasheet HTML 6Page - YAGEO Corporation SAC Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
7
Product Specification
SAC
Transient Voltage Suppressors
Circuit Protection
www.ya geo.com
Jun. 30, 2023 V.3
Ratings and Characteristic Curves (TA=25℃ unless otherwise noted)
10
100
1000
100
td-Pulse Width (µs)
1
1
0.1
10
Figure 1. Peak Pulse Power Rating Curve
0
0
50
t-Time (ms)
1.0
3.0
2.0
4.0
TJ=25℃
Pulse Width(td) is defined as
the point where the peak
current decays to 50% of IPPM
tr=10µs
100
Peak Value IPPM
Half Value IPPM (IPPM/2)
td
10/1000µs Waveform
as defined by R.E.A
150
Figure 3. Pulse Waveform
Figure 5. Steady State Power Dissipation Derating
Curve
0
25
50
75
100
125
150
0
25
50
75
100
TL-Lead Temperature (℃)
175
200
Average Power
Peak Power
(Single Pulse)
Figure 2. Pulse Derating Curve
Application Note: Device must be used with two
units in parallel, opposite in polarity as shown in
circuit for AC signal line protection.
Low Capacitance
Figure 4. AC Line Protection Application
25
50
75
100
125
150
0.5
1
1.5
2
2.5
TL-Lead Temperature (℃)
175
0
3.5
0
200
L= 0.375″(9.5mm)
Lead Lengths
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com