Electronic Components Datasheet Search
  English  ▼

X  

MPX Datasheet(PDF) 1 Page - Coherent Corp

Part # MPX
Description  Chameleon MPX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

MPX Datasheet(HTML) 1 Page - Coherent Corp

  MPX Datasheet HTML 1Page - Coherent Corp MPX Datasheet HTML 2Page - Coherent Corp MPX Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Chameleon MPX
Multiphoton Microscopy Wavelength
Extension
Chameleon MPX extends the wavelength range of Chameleon Vision
and Ultra Ti:Sapphire lasers, and is specifically designed and optimized
for non-linear imaging techniques.
Employing the latest generation fan-poled OPO technology, the fully
automated Chameleon MPX delivers high peak power to the sample
plane with short pulses and dispersion compensation optimized for
typical commercial microscope systems.
Featuring a wide pump tuning range, the Chameleon MPX offers
independently tunable dual beam excitation of popular fluorescent
probes (e.g. eGFP, mCherry), enabling powerful and truly flexible
multimodal imaging.
FEATURES & BENEFITS
• Fully automated for hands-free operation
• Performance optimized for non-linear
imaging applications
• 130 fs short pulses for high peak power
• Dispersion compensated output to
optimize pulse width at the sample
• Gap-free tuning from 680 nm to
1340 nm with Chameleon pump laser
• Independent wavelength tuning of
pump laser and OPO for simultaneous
2-color excitation
• Synchronized output pulse trains for
CARS/SRS and wavelength mixing
APPLICATIONS
• Multiphoton Excitation Microscopy
• Second Harmonic Generation Imaging
• Third Harmonic Generation Imaging
• CARS/SRS Microscopy
• Ultrafast Spectroscopy
• Non-linear Optics


Similar Part No. - MPX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPX RUBYCON-MPX Datasheet
157Kb / 2P
POWER FILM CAPACITORS
logo
CBC Group. CBC AMERICA ...
MPX COMPUTAR-MPX Datasheet
1Mb / 2P
THE NEW STANDARD IN HIGH-RESOLUTION MACHINE VISION LENSES
05.26
logo
MicroPower Direct, LLC
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Sanken electric
MPX-2103 SANKEN-MPX-2103 Datasheet
67Kb / 2P
Ultra-Fast-Recovery Rectifier Diodes
logo
CTS Corporation
MPX0103A CTS-MPX0103A Datasheet
243Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - MPX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7343AP TOSHIBA-TA7343AP Datasheet
343Kb / 10P
FM PLL MPX
logo
Samsung semiconductor
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
AM/FM TUNER MPX
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
AM/FM TUNER MPX
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D Datasheet
64Kb / 2P
The CHAMELEON Adaptable Module for General Purpose, DC Applications
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
The CHAMELEON Adaptable Module for DC Applications
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
The CHAMELEON Adaptable Module for DC Applications
logo
Advantech Co., Ltd.
CM-5500-AR70 ADVANTECH-CM-5500-AR70 Datasheet
636Kb / 1P
15' Chameleon POS Terminal With Intel Haswell
logo
Burland Technology Solu...
ADU BURLAND-ADU Datasheet
1Mb / 4P
Chameleon ADU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com