Electronic Components Datasheet Search
  English  ▼

X  

MPX Datasheet(PDF) 2 Page - Coherent Corp

Part # MPX
Description  Chameleon MPX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

MPX Datasheet(HTML) 2 Page - Coherent Corp

  MPX Datasheet HTML 1Page - Coherent Corp MPX Datasheet HTML 2Page - Coherent Corp MPX Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1000
1050
1100
1150
1200
1250
1300
1350
750
Pump Wavelength from Chameleon (nm)
770790 810830 850870 890910
0
200
400
600
800
1000
1200
1000
Output Wavelength (nm)
1050
1100
1150
1200
1250
1300
1350
Ultra II Pump
Vision II Pump
Chameleon MPX Datasheet
SYSTEM SPECIFICATIONS
Pumped by Chameleon Ultra II
Pumped by Chameleon Vision II
Tuning Range1 (nm)
1010 to 1340
1010 to 1340
Pump Wavelength Range (nm)
760 to 910
760 to 910
Output Power2 (mW) (signal)
>750
>7003
Pump Output Power Available4 (%)
when pumping OPO
in bypass mode
~15
95
Pulse Width5 (fs) (typical)
130
Output GDD Precompensation6 (fs2)
-6000
M2 (typical)
<1.1
Beam Diameter (mm)
2
Beam Divergence (mrad) (typical)
0.7
Polarization
Horizontal
Repetition Rate (MHz)
80 (locked to pump laser)
Dimensions (L x W x H)
520 x 369 x 158 mm (20.5 x 14.5 x 6.2 in.)
1 Tuning range depends on Pump Wavelength.
2 At maximum of pump and OPO signal tuning curve.
3 Vision Dispersion settings optimized.
4 Typical. Please refer to Chameleon datasheet for respective power specifications.
5 Typical value at sample plane after microscope dispersion.
6 Typical value at 1100 nm.
Chameleon MPX
Dual Tuning Range
TYPICAL PERFORMANCE DATA
Chameleon MPX
Typical Output Power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com