Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2480
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 3 Page - Linear Technology

  LTC2480 Datasheet HTML 1Page - Linear Technology LTC2480 Datasheet HTML 2Page - Linear Technology LTC2480 Datasheet HTML 3Page - Linear Technology LTC2480 Datasheet HTML 4Page - Linear Technology LTC2480 Datasheet HTML 5Page - Linear Technology LTC2480 Datasheet HTML 6Page - Linear Technology LTC2480 Datasheet HTML 7Page - Linear Technology LTC2480 Datasheet HTML 8Page - Linear Technology LTC2480 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2453
3
2453f
The
● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Notes 2, 7)
ANALOG INPUTS AND REFERENCES The ● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
Conversion
Sleep
●
●
800
0.2
1200
0.6
μA
μA
POWER REQUIREMENTS The ● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
●
0.7VCC
V
VIL
Low Level Input Voltage
●
0.3VCC
V
II
Digital Input Current
●
–10
10
μA
VHYS
Hysteresis of Schmidt Trigger Inputs
(Note 3)
●
0.05VCC
V
VOL
Low Level Output Voltage (SDA)
I = 3mA
●
0.4
V
IIN
Input Leakage
0.1VCC ≤ VIN ≤ VCC
●
1μA
CI
Capacitance for Each I/O Pin
●
10
pF
CB
Capacitance Load for Each Bus Line
●
400
pF
I2C INPUTS AND OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Positive Input Voltage Range
●
0VCC
V
VIN–
Negative Input Voltage Range
●
0VCC
V
VREF+
Positive Reference Voltage Range
VREF+ – VREF– ≥ 2.5V
● VCC – 2.5
VCC
V
VREF–
Negative Reference Voltage Range
VREF+ – VREF– ≥ 2.5V
●
0VCC – 2.5
V
VOR+, VUR+
Overrange/Underrange Voltage, IN+
VREF = 5V, VIN– = 2.5V (See Figure 2)
8
LSB
VOR–, VUR–
Overrange/Underrange Voltage, IN–
VREF = 5V, VIN+ = 2.5V (See Figure 2)
8
LSB
CIN
IN+, IN– Sampling Capacitance
0.35
pF
IDC_LEAK(IN+)
IN+ DC Leakage Current
VIN = GND (Note 8)
VIN = VCC (Note 8)
●
●
–10
–10
1
1
10
10
nA
nA
IDC_LEAK(IN–)
IN– DC Leakage Current
VIN = GND (Note 8)
VIN = VCC (Note 8)
●
●
–10
–10
1
1
10
10
nA
nA
IDC_LEAK(REF+, REF–) REF+, REF– DC Leakage Current
VREF = 3V (Note 8)
●
–10
1
10
nA
ICONV
Input Sampling Current (Note 5)
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com