Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2480
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 2Page - Linear Technology LTC2480 Datasheet HTML 3Page - Linear Technology LTC2480 Datasheet HTML 4Page - Linear Technology LTC2480 Datasheet HTML 5Page - Linear Technology LTC2480 Datasheet HTML 6Page - Linear Technology LTC2480 Datasheet HTML 7Page - Linear Technology LTC2480 Datasheet HTML 8Page - Linear Technology LTC2480 Datasheet HTML 9Page - Linear Technology LTC2480 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2453
6
2453f
BLOCK DIAGRAM
PIN FUNCTIONS
GND (Pin 1): Ground. Connect to a ground plane through
a low impedance connection.
REF– (Pin 2), REF+ (Pin 3):
Differential Reference Input.
The voltage on these pins can have any value between
GND and VCC as long as the reference positive input, REF+,
remains more positive than the negative reference input,
REF–, by at least 2.5V. The differential reference voltage
(VREF = REF+ to REF–) sets the full-scale range.
VCC (Pin 4): Positive Supply Voltage. Bypass to GND
(Pin 1) with a 10μF capacitor in parallel with a low-se-
ries-inductance 0.1μF capacitor located as close to the
part as possible.
IN– (Pin 5), IN+ (Pin 6):
Differential Analog Input.
SCL (Pin 7): Serial Clock Input of the I2C Interface. The
LTC2453 can only act as a slave and the SCL pin only
accepts external serial clock. Data is shifted into the SDA
pin on the rising edges of SCL and output through the
SDA pin on the falling edges of SCL.
SDA (Pin 8): Bidirectional Serial Data Line of the I2C
Interface. The conversion result is output through the
SDA pin. The pin is high impedance unless the LTC2453
is in the data output mode. While the LTC2453 is in the
data output mode, SDA is an open drain pull down (which
requires an external 1.7k pull-up resistor to VCC).
Exposed Pad (Pin 9): Ground. Must be soldered to PCB
ground.
16-BIT
ΔΣ
A/D CONVERTER
DECIMATING
SINC FILTER
SCL
REF+
VCC
REF–
IN+
IN–
GND
SDA
2453 BD
–
16-BIT
ΔΣ
A/D CONVERTER
I2C
INTERFACE
INTERNAL
OSCILLATOR
3
4
7
8
1
2
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com