Electronic Components Datasheet Search
  English  ▼

X  

3C91 Datasheet(PDF) 4 Page - TT Electronics.

Part # 3C91
Description  Hi-Reliability Optically Coupled Isolator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

3C91 Datasheet(HTML) 4 Page - TT Electronics.

  3C91 Datasheet HTML 1Page - TT Electronics. 3C91 Datasheet HTML 2Page - TT Electronics. 3C91 Datasheet HTML 3Page - TT Electronics. 3C91 Datasheet HTML 4Page - TT Electronics. 3C91 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C (TX), 3N243, 3N244, 3N245
(TX), 3N262
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 4
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
IC(ON)
On-State Collector Current
3C91C, 3C92C (TX)
3C91C, 3C92C (TX)
3N243
3N243
3N243
3N243
3N244
3N244
3N244
3N244
3N245 (TX)
3N245 (TX)
3N245 (TX)
3N245 (TX)
3N262
3N262
3N262
4.0
3.0
1.5
0.3
0.5
0.5
3.0
0.8
1.0
1.0
6.0
1.5
1.5
1.5
1.0
1.4
1.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
20
-
-
-
-
-
-
-
-
-
-
-
-
5
-
-
mA
IF = 10 mA , VCE = 5 V
IF = 10 mA , VCE = 0.4 V
IF = 10 mA , VCE = 10.0 V
IF = 3 mA , VCE = 10.0 V
IF = 10 mA , VCE = 10.0 V, TA = 55° C
IF = 10 mA , VCE = 10.0 V, TA = 100° C
IF = 10 mA , VCE = 10.0 V
IF = 3 mA , VCE = 10.0 V
IF = 10 mA , VCE = 10.0 V, TA = 55° C
IF = 10 mA , VCE = 10.0 V, TA = 100° C
IF = 10 mA , VCE = 10.0 V
IF = 3 mA , VCE = 10.0 V
IF = 10 mA , VCE = 10.0 V, TA = 55° C
IF = 10 mA , VCE = 10.0 V, TA = 100°
IF = 1 mA , VCE = 5.0 V
IF = 2.0 mA , VCE = 5.0 V, TA = 55° C
IF = 2.0 mA , VCE = 5.0 V, TA = 100° C
VCE(SAT)
Collector-Emitter Saturation Voltage
3C91C, 3C92C (TX)
3N243, 3N244, 3N245 (TX)
3N243, 3N244, 3N245 (TX)
3N243, 3N244, 3N245 (TX)
3N262
3N262
3N262
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.4
0.3
0.3
0.3
0.3
0.3
0.3
V
IF = 50 mA , IC = 10 mA
IF = 20 mA , IC = 1.50 mA
IF = 20 mA , IC = 3.0 mA
IF = 20 mA , IC = 6.0 mA
IF = 2.0 mA , IC = 0.50 mA
IF = 2.0 mA , IC = 1.0 mA
IF = 2.0 mA , IC = 2.0 mA
tON
Turn-on Time
3C91C, 3C92C (TX)
-
-
9
µs
VCC = 5 V, IC = 2 mA, RL = 100 Ω
tIOFF
Turn-off Time
3C91C, 3C92C (TX)
-
-
6
µs
VCC = 5 V, IC = 2 mA, RL = 100 Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com