Electronic Components Datasheet Search
  English  ▼

X  

3C91 Datasheet(PDF) 1 Page - TT Electronics.

Part # 3C91
Description  Hi-Reliability Optically Coupled Isolator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

3C91 Datasheet(HTML) 1 Page - TT Electronics.

  3C91 Datasheet HTML 1Page - TT Electronics. 3C91 Datasheet HTML 2Page - TT Electronics. 3C91 Datasheet HTML 3Page - TT Electronics. 3C91 Datasheet HTML 4Page - TT Electronics. 3C91 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Hi-Reliability Optically Coupled Isolator
3C91C, 3C92C (TX), 3N243, 3N244, 3N245
(TX), 3N262
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 1
Description:
Each device is a high reliability optically coupled isolator that consists of an infrared emitting diode and a NPN silicon
phototransistor which are mounted in a hermetically sealed TO-72 package. The 3C91C and 3C92C have a 935 nm
wavelength, whereas the 3N243, 3N244, 3N245 and 3N262 have an 880 nm wavelength. All devices have 0.50” (12.70 mm)
leads. Electrical characteristics vary.
TX devices are processed to OPTEK’s military screening program patterned after MIL-PRF-19500.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Contact your local representative or OPTEK for more information.
Applications:
•
High-voltage isolation
between input and
output
•
Electrical isolation in
dirty environments
•
Industrial equipment
•
Medical equipment
•
Office equipment
Features:
•
TO-72 hermetically sealed package
•
1 kVDC electrical isolation
•
High current transfer ratio
•
TX devices processed to MIL-PRF-19500
4
2
3
1
3C91
4
3
2
1
3C92
4
3
1
2
3N2XX
Phototransistor Collector is connected to the Header-Base-Case for ALL versions
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS ]
Pin #
3C91
3C92
3N2XX
1
Cathode
Cathode
Emitter
2
Collector
Emitter
Cathode
3
Emitter
Collector
Collector
4
Anode
Anode
Anode
Part
Number
LED
Peak
Wavelength
Sensor
Isolation
Voltage
(,000)
CTR
Min / Max
IF (mA)
Typ / Max
VCE (V)
Typ /
Max
Lead
Length
3C91C
935 nm
Transistor
1
0.3 / 2.0
10 / 50
10 / 50
0.50"
3C92C (TX)
3N243
880 nm
0.15 / NA
3 / 40
10 / 30
3N244
0.3 / NA
3N245 (TX)
0.6 / NA
3N262
1.0 / 5.0
1 / 40
5 / 30


Similar Part No. - 3C91

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3C91 FERROXCUBE-3C91 Datasheet
50Kb / 4P
Material specification
logo
TT Electronics.
3C91-3N262 TTELEC-3C91-3N262 Datasheet
511Kb / 5P
Hi-Reliability Optically Coupled Isolator
Rev B 02/2020
logo
OPTEK Technologies
3C91C OPTEK-3C91C Datasheet
220Kb / 5P
Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
Hi-Reliability Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
511Kb / 5P
Hi-Reliability Optically Coupled Isolator
Rev B 02/2020
More results

Similar Description - 3C91

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI125 OPTEK-OPI125 Datasheet
199Kb / 2P
HI REL PHOTOLOGIC OPTICALLY COUPLED ISOLATOR
OPI120TX OPTEK-OPI120TX Datasheet
242Kb / 2P
Hi-Rel Optically Coupled Isolator
1/16
3C91CTX OPTEK-3C91CTX Datasheet
220Kb / 5P
Hi-Reliability Optically Coupled Isolator
4N22ATX OPTEK-4N22ATX Datasheet
206Kb / 6P
Hi-Reliability Optically Coupled Isolator
JAN4N22 OPTEK-JAN4N22 Datasheet
216Kb / 4P
Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
Hi-Reliability Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
3C91C TTELEC-3C91C Datasheet
748Kb / 5P
Hi-Reliability Optically Coupled Isolator
OPI120TX TTELEC-OPI120TX Datasheet
260Kb / 3P
High Reliability Optically Coupled Isolator
OPI150TX TTELEC-OPI150TX Datasheet
276Kb / 3P
High Reliability Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com