Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 1 Page - TT Electronics.

Part # 660
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

660 Datasheet(HTML) 1 Page - TT Electronics.

  660 Datasheet HTML 1Page - TT Electronics. 660 Datasheet HTML 2Page - TT Electronics. 660 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Models 664, 667, 668
Nichrome Resistor Networks
on Ceramic Substrates
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
• Isolated and bussed circuits
• Thin film resistor network
• 0.150” SOIC packages
• RoHS compliant
Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-012
(SOIC narrow body in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C
Standard Resistance Range2
1K ohms to 100K ohms (Isolated)
1K ohms to 20K ohms (Bussed)
TCR
± 25 ppm/°C
TCR Tracking
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
≥ 10,000 Megohms
Maximum Operating Voltage
100 Vdc or
√ PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
Features
Schematics
Electrical1
1 Specifications subject to change without notice.
2 E96 codes available.
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 1 of 3
BI technologies












Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-012
(SOIC narrow body in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C











Standard Resistance Range
2
1K ohms to 100K ohms (Isolated)
1K ohms to 20K ohms (Bussed)
TCR
± 25 ppm/°C
TCR Tracking
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
 10,000 Megohms
Maximum Operating Voltage
100 Vdc or
 PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
1
Specifications subject to change without notice.
2
E96 codes available.
Not Recommended for New Designs
For alternative see http://www.irctt.com/file.aspx?product_id=215&file_type=datasheet
OBSOLETE


Similar Part No. - 660

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
Power toggle switches ??metal lever
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
574Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5×20mm Fuses
Revised: 06/03/15
More results

Similar Description - 660

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R3S ACCUTEK-AK06G-R3S_09 Datasheet
100Kb / 3P
RESISTOR NETWORKS
AK06G-R5L ACCUTEK-AK06G-R5L_09 Datasheet
114Kb / 4P
RESISTOR NETWORKS
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
RESISTOR NETWORKS
AK06G-R8DTL ACCUTEK-AK06G-R8DTL_09 Datasheet
124Kb / 4P
RESISTOR NETWORKS
AK6G-R2RL ACCUTEK-AK6G-R2RL_09 Datasheet
150Kb / 4P
RESISTOR NETWORKS
logo
UNIOHM CORPORATION
RN8A102J UNIOHM-RN8A102J Datasheet
3Mb / 2P
Resistor Networks
logo
List of Unclassifed Man...
698-3-R100KB ETC-698-3-R100KB Datasheet
199Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
L081S105LF ETC2-L081S105LF Datasheet
169Kb / 5P
Resistor Networks
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
Resistor Networks
NQS TTELEC-NQS Datasheet
149Kb / 5P
Resistor Networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com