Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 3 Page - TT Electronics.

Part # 660
Description  Nichrome Resistor Networks on Ceramic Substrates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

660 Datasheet(HTML) 3 Page - TT Electronics.

  660 Datasheet HTML 1Page - TT Electronics. 660 Datasheet HTML 2Page - TT Electronics. 660 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Nichrome Resistor Networks
on Ceramic Substrates
Models 664, 667, 668
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Typical Marking
Ordering Information4
66 4 -A- 1002 A LF 7
Model Series:
66 = Passivated Nichrome
on Ceramic
Number of Leads:
4= 8 leads
7=14 leads
8=16 leads
Circuit Type:
A=Isolated
B=Bussed
Packaging Option:
7=7” Tape & Reel
13 = 13” Tape & Reel
(No Code used for Tubes)
Lead Finish:
LF=Lead Free (RoHS)
Tolerance Code
Resistance Code
Accuracy Code at 25°C
A
B
D
F
Absolute Resistance Tolerances (%)
± 0.1
± 0.1
± 0.5
± 1.0
Ratio Tolerances (R1 Ref) (%)
± 0.05
± 0.1
± 0.1
± 0.5
Temperature Coefficient of Resistance (ppm/°C)
±25
Temperature Coefficient of Resistance, Tracking (ppm/°C)
±5
Model + Pin count
Tubes
7” Tape & Reel
13” Tape & Reel
664
100
1000
2500
667
50
500
2500
668
50
500
2500
Resistance Code4
Resistance Tolerance Code
Packaging Options (Unit Count/Package Type)
First 3 digits are significant. Fourth digit denotes number of trailing zeros. For values less than 100, use
“R” to denote a decimal point. Example, 51 and 10000 ohms are coded as 51R0 and 1002 respectively.
Standard values follow E96.
4 Contact customer service for custom designs and features.





BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 3 of 3
BI technologies










First 3 digits are significant. Fourth digit denotes number of trailing zeros. For values less than 100, use “R” to denote a
decimal point. Example, 51 and 10000 ohms are coded as 51R0 and 1002 respectively. Standard values follow E96.







Accuracy Code at 25°C
A
B
D
F
Absolute Resistance Tolerances (%)
± 0.1
± 0.1
± 0.5
± 1.0
Ratio Tolerances (R1 Ref) (%)
± 0.05
± 0.1
± 0.1
± 0.5
Temperature Coefficient of Resistance (ppm/°C)
±25
Temperature Coefficient of Resistance, Tracking (ppm/°C)
±5










Model + Pin count
Tubes
7” Tape & Reel
13” Tape & Reel
664
100
1000
2500
667
50
500
2500
668
50
500
2500







4
Contact customer service for custom designs and features.
66 4 -A-1002 A LF 7
Model Series:
66 = Passivated Nichrome
on Ceramic
Number of Leads:
4= 8 leads
7=14 leads
8=16 leads
Circuit Type:
A=Isolated
B=Bussed
Packaging Option:
7=7” Tape & Reel
13 = 13" Tape & Reel
(No Code used for Tubes)
Lead Finish:
No Code=SnPb
LF=Lead Free (RoHS)
Tolerance Code
Resistance Code
Lot number printed
on backside of 664
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com