Electronic Components Datasheet Search
  English  ▼

X  

BCN062 Datasheet(PDF) 2 Page - TT Electronics.

Part # BCN062
Description  BCN Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN062 Datasheet(HTML) 2 Page - TT Electronics.

  BCN062 Datasheet HTML 1Page - TT Electronics. BCN062 Datasheet HTML 2Page - TT Electronics. BCN062 Datasheet HTML 3Page - TT Electronics. BCN062 Datasheet HTML 4Page - TT Electronics. BCN062 Datasheet HTML 5Page - TT Electronics. BCN062 Datasheet HTML 6Page - TT Electronics. BCN062 Datasheet HTML 7Page - TT Electronics. BCN062 Datasheet HTML 8Page - TT Electronics. BCN062 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BCN Series
BCN
Electrical
Environmental
Construction
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
Standard Resistance Range,
Ohms
BCN06 2,BCN06 4, BCN2D, BCN4D, BCN10, BCN16 4:
BCN 16 8R / 8S:
BCN 31 8R / 8S:
BCN 21:
10 to 1 Megohm
100 to 1 Megohm
22 to 1 Megohm
68 to 220K
Standard Resistance Tolerance
±5% (J Tol.)
Optional: ±1% (F Tol.), BCN 4D, BCN 16 4, BCN31 8RB / 8SB Only
±2% (G Tol.), BCN 16 4, BCN31 8RB / 8SB Only
Operating Voltage, Maximum
BCN 4D:
BCN 2D, BCN 16 4, BCN 31 8R / 8S:
BCN 10, BCN 16 8R / 8S, BCN 21:
BCN 06 2, BCN 06 4:
75Vdc or
√pr
50Vdc or
√pr
25Vdc or
√pr
12.5Vdc or
√pr
Power Rating, watts at 70°C
BCN 2D:
BCN 4D:
BCN 06 2:
BCN 06 4:
BCN 10, BCN 164:
BCN 16 8R / 8S:
BCN 21, BCN 31 8R / 8S:
63mW per Resistor / 125mW per Package
125mW per Resistor / 500mW per Package
31mW per Resistor / 63mW per Package
31mW per Resistor / 125mW per Package
63mW per Resistor / 250mW per Package
32mW per Resistor / 250mW per Package
63mW per Resistor / 500mW per Package
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of
Resistance
BCN 2D:
BCN 06 2, BCN 06 4, BCN 4D, BCN 16 8R / 8S, BCN 21, BCN 31:
BCN 10, BCN 16 4:
±300ppm/°C
±200ppm/°C
±200ppm/°C
Moisture Resistance
1,000 hours @ +40°C, 95% R.H. (3.0% +0.1
Ω
ΔR)
High Temperature Operation
1,000 hours @ 70°C (3.0% +0.1
Ω
ΔR)
Short Time Overload
2.5 X rated voltage, 5 seconds (2.0% +0.1
Ω
ΔR)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0% +0.1
Ω
ΔR)
Resistance to Solder Heat
260°C for 10 seconds (1.0% +0.1
Ω
ΔR)
Load Life
1,000 hours @ 70°C (3.0% +0.1
Ω
ΔR)
Glass Passivation
Conductor
Nickel Barrier
Resistor: Ruthenium Oxide
Alumina Substrate
100% Tin
OBSOLETE
(BCN062, 064, 2D ONLY)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com