Electronic Components Datasheet Search
  English  ▼

X  

BCN062 Datasheet(PDF) 3 Page - TT Electronics.

Part # BCN062
Description  BCN Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN062 Datasheet(HTML) 3 Page - TT Electronics.

  BCN062 Datasheet HTML 1Page - TT Electronics. BCN062 Datasheet HTML 2Page - TT Electronics. BCN062 Datasheet HTML 3Page - TT Electronics. BCN062 Datasheet HTML 4Page - TT Electronics. BCN062 Datasheet HTML 5Page - TT Electronics. BCN062 Datasheet HTML 6Page - TT Electronics. BCN062 Datasheet HTML 7Page - TT Electronics. BCN062 Datasheet HTML 8Page - TT Electronics. BCN062 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BCN Series
BCN
Model BCN 06, BCN 2D, BCN 4D, BCN 10 & BCN 16 4
10
100
1K
10K
100K
1 Meg
12
120
1.2K
12K
120K
Jumper
15
150
1.5K
15K
150K
18
180
1.8K
18K
180K
22
220
2.2K
22K
220K
27
270
2.7K
27K
270K
33
330
3.3K
33K
330K
39
390
3.9K
39K
390K
47
470
4.7K
47K
470K
56
560
5.6K
56K
560K
68
680
6.8K
68K
680K
82
820
8.2K
82K
820K
Model BCN 16 8R & BCN 16 8S
220
1K
10K
100K
330
4.7K
47K
1 Meg
Model BCN 21
68
330
4.7K
10K
220
1K
47K
100K
Model BCN 31 8R
Model BCN 31 8S
220
2.2K
10K
100K
330
2.7K
22K
470K
1K
4.7K
47K
1 Meg
Electrical
Standard Resistance Values, Ohms
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
01. 12
R1
R2
R3
R 4
R1 = R2….Rn
(n = 2, 4)
BCN062,
BCN 06 4, BCN 4D, BCN 10 & BCN 16 4
10
9
8
7
6
1
2
3
4
5
BCN 16 8R & BCN 31 8R
10
9
8
7
6
5
4
3
2
1
BCN 16 8S & BCN 31 8S
BCN 21
OBSOLETE
(BCN062, 064, 2D ONLY)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com