Electronic Components Datasheet Search
  English  ▼

X  

BCN21 Datasheet(PDF) 7 Page - TT Electronics.

Part # BCN21
Description  Thick Film Chip Arrays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCN21 Datasheet(HTML) 7 Page - TT Electronics.

  BCN21 Datasheet HTML 1Page - TT Electronics. BCN21 Datasheet HTML 2Page - TT Electronics. BCN21 Datasheet HTML 3Page - TT Electronics. BCN21 Datasheet HTML 4Page - TT Electronics. BCN21 Datasheet HTML 5Page - TT Electronics. BCN21 Datasheet HTML 6Page - TT Electronics. BCN21 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BI Technologies IRC Welwyn
Ordering Procedure
BCN Series
07.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Ordering Procedure
Example: BCN164ABIZ102J7S (BCN 1.6mm wide, 4 resistors, isolated circuit, square edge, concave termina�ons with TCR
±100ppm/°C at 1 kilohm ±5%, on a 7” reel, an�-sulphur construc�on, Pb-free)
B
C
N
1
6
4
A
B
Z
1
0
2
J
7
S
1
2
3
4
5
6
7
8
9
10
11
Valid Combina�ons (1 – 6)
Valid Op�ons (7, 8 & 11)
Packaging Quan�ty & Tape (10)
B
C
N
1
0
4
A
B
JP=Jumper, S=An�-sulphur
7=10,000/reel, 13=40,000/reel, Paper tape
B
C
N
1
6
4
A
Z=±100ppm/°C, JP=Jumper, S=An�-sulphur
7=5000/reel, 13=20,000/reel, Paper tape
B
C
N
1
6
4
A
B
Z=±100ppm/°C, JP=Jumper, S=An�-sulphur
B
C
N
1
6
4
A
B
I
JP=Jumper
B
C
N
1
6
8
S
B
B
C
N
1
6
8
R
B
S=An�-sulphur
B
C
N
2
1
8
S
B
I
7=4000/reel, 13=16,000/reel, Plas�c tape
B
C
N
4
D
JP=Jumper, S=An�-sulphur
B
C
N
4
D
B
I
JP=Jumper
B
C
N
3
1
8
S
B
B
C
N
3
1
8
R
B
B
C
N
3
1
8
S
B
I
B
C
N
3
1
8
R
B
I
New Layout of Datasheet:
P1 Summary of Types, Electrical Data
P2 Circuits, Environmental Data
P3 Physical Data 1 of 2
P4 Physical Data 2 of 2
P5 Solder Pad Layout 1 of 2
P6 Solder Pad Layout 2 of 2
P7 Construction, Ordering Procedure
1
2
3
4
5
6
7
8
9
10
11
Series
Width
Number of
Resistors
Circuit
Edge
Termina�on
TCR
(ppm/°C)
Value
Tolerance
Packaging
Construc�on
BCN
Blank=
3.1mm
4
A=Isolated
Blank=
Scalloped
Blank=
External
(convex)
Blank=
±200
3 digits for E24
at 2% or 5%
F=±1%
7=7” reel
Blank=
Standard
8
D=Isolated
G=±2%
13=13” reel
10=1.0mm
S=Standard
bussed
B=Square
Z=±100
4 digits for
uniquely E96
and for all
values at 1%
J=±5%
S=An�-sulphur
16=1.6mm
I=Internal
(concave)
(Blank for
jumper)
21=2.1mm
R=Reverse
bussed
31=3.1mm
JP=Jumper
Example: BCN164ABZ102J7S (BCN 1.6mm wide, 4 resistors, isolated circuit, square edge, convex terminations with
TCR ±100ppm/°C at 1 kilohm ±5%, on a 7” reel, anti-sulphur construction, Pb-free).
Construction
Conductor
Nickel Barrier
Resistor: Ruthenium Oxide
Alumina Substrate
100% Tin
Passivation:
Glass or Resin
Thick Film Chip Arrays
Resistors
OBSOLETE (BCN21 & CONCAVE OPTION ONLY)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com