Electronic Components Datasheet Search
  English  ▼

X  

BCS8 Datasheet(PDF) 1 Page - TT Electronics.

Part # BCS8
Description  8W Current Sense Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCS8 Datasheet(HTML) 1 Page - TT Electronics.

  BCS8 Datasheet HTML 1Page - TT Electronics. BCS8 Datasheet HTML 2Page - TT Electronics. BCS8 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
· Non inductive design.
· Low TCR, typically less than 100ppm/°C.
· Low profile surface mount package.
· Excellent pulse/surge performance.
· 8W power rating.
Applications
· Current sense applications
· Over current protection in Battery chargers.
· Servo motor control circuits.
· DC-DC, DC-AC and intelligent power modules.
· Industrial PC modules (IPM) and precision measurement systems.
· Current detection circuits in high-speed CPU peripherals.
8W Current Sense
Chip Resistors
BCS 8 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.12
Type
BCS8 (mm)
Marking is done by 3 digits resistance value notation
and tolerance code F (1%).
A
12.8+/-0.5
B
7.8max
C
2.5max
D
1.4max
Dimensions
Electrical
Environmental
Marking
A
D
D
R001F
BCS8
Remarks
Resistance values
0.5m, 1m, 2m, 3m, 4m, 5m, 7m, 10mΩ
TCR
0 to +100 ppm/°C (A)
-55 to +125 °C
Tolerance
+/-1.0% (F), +/-5.0% (J)
Power Rating
8W
Attached to70 micron PCB
Current Rating
90A
At 1m Ω
Maximum Current
126A
2.5 seconds one time
Series Inductance
5nH
Operating Temp.
-55 C to 175 °C
Storage Temp.
-55 C to 175 °C
Specifications
Conditions
Short Time Overload
R+/-(0.5%+0.5mΩ)
maximum current, 2.5seconds.
Low Temperature Storage
R +/-(0.5%+0.5mΩ)
-55C, 24hours
High Temperature Storage
R +/-(1.0%+0.5mΩ)
+175C, 1000hours
Heat Shock
R +/-(0.5%+0.5mΩ)
-55C to +125C, 20min. interval, 5min. 5cycles
Vibration
R +/-(0.5%+0.5mΩ)
10-2000Hz, 1.5mm/20gr, 2hours
Soldering Heat
R +/-(0.25%+0.5mΩ)
260°C+/-5°C, 10+/-1 seconds.
Solderability
90%/terminal surface
Humidity
R +/-(0.5%+0.1mΩ)
85°C, 85%RH, dc 0.1W, 1000 hours
Load Life
R +/-(0.5%+0.1mΩ)
25°C, dc rated power, 90min ON, 30min OFF, 1000hours
Specifications subject to change without notice.
OBSOLETE


Similar Part No. - BCS8

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BCS8 BITECH-BCS8 Datasheet
1Mb / 3P
8W CURRENT DETECT CHIP RESISTORS
BCS8R001F BITECH-BCS8R001F Datasheet
1Mb / 3P
8W CURRENT DETECT CHIP RESISTORS
BCS8R002F BITECH-BCS8R002F Datasheet
1Mb / 3P
8W CURRENT DETECT CHIP RESISTORS
BCS8R003F BITECH-BCS8R003F Datasheet
1Mb / 3P
8W CURRENT DETECT CHIP RESISTORS
BCS8R004F BITECH-BCS8R004F Datasheet
1Mb / 3P
8W CURRENT DETECT CHIP RESISTORS
More results

Similar Description - BCS8

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BCS8 BITECH-BCS8 Datasheet
1Mb / 3P
8W CURRENT DETECT CHIP RESISTORS
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
Miniature Current Sense Surface Mount Chip Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
CURRENT SENSE - Molded Current Sense Resistors
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
CURRENT SENSE RESISTORS
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
TCS02 TOKEN-TCS02 Datasheet
420Kb / 5P
TCS Current Sense Chip Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
Current Sense Resistors
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
Precision Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
Metal Strip Current Sense Chip Resistors
08/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com