Electronic Components Datasheet Search
  English  ▼

X  

BCS8 Datasheet(PDF) 3 Page - TT Electronics.

Part # BCS8
Description  8W Current Sense Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BCS8 Datasheet(HTML) 3 Page - TT Electronics.

  BCS8 Datasheet HTML 1Page - TT Electronics. BCS8 Datasheet HTML 2Page - TT Electronics. BCS8 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8W Current Sense
Chip Resistors
BCS 8 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.12
Resistance testing the BCS resistors is done at the side
positions of resistor terminals (see figure) using a 4 - port
measuring system.
For a stated resistance tolerance of +/-1.0%, the measured
values should be within the +/-0.8% factory tested values.
When surface mount resistor is attached on circuit board,
small resistance changes will occur. Custom designs are
available, please call the factory.
P/N
A
B
C
D
E
F
G
Reel
Diameter
Quantity
per Reel
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(mm)
(pieces)
WSL8A0.5milliohmJ(5%)/F(1%)
12.8+/-0.5
7.8+/-0.5
2.5 max
1.3
13.9
8.7
3.75
254
1000
WSL8A 1milliohmJ(5%)/F(1%)
12.8+/-0.5
4.5+/-0.5
1.5 max
1.4
13.5
5.0
1.70
254
2000
WSL8A 2milliohmJ(5%)/F(1%)
12.8+/-0.5
4.5+/-0.5
1.5 max
1.4
13.5
5.0
1.70
254
2000
WSL8A 3milliohmJ(5%)/F(1%)
12.8+/-0.5
4.5+/-0.5
1.5 max
1.4
13.5
5.0
1.70
254
2000
WSL8A 4milliohmJ(5%)/F(1%)
12.8+/-0.5
5.5+/-0.5
1.5 max
1.4
13.9
8.7
3.75
254
1000
WSL8A 5milliohmJ(5%)/F(1%)
12.8+/-0.5
4.5+/-0.5
1.5 max
1.4
13.5
5.0
1.70
254
2000
WSL8A 7milliohmJ(5%)/F(1%)
12.8+/-0.5
5.2+/-0.5
0.6 max
1.3
13.9
8.7
3.75
254
1000
WSL8A 10milliohmJ(5%)/F(1%)
12.8+/-0.5
4.2+/-0.5
0.6 max
1.3
13.5
5.0
1.70
254
2000
Dimensions and Taping specification
Ordering Information
1.75
24.0+/-0.3
2.00
4.00
11.50
.
0.30+/-0.05
Dia. 1.50+0.1-0
Dia.1.50+0.1-0
B
A
D
D
C
Note : Above dimensions are approximate.
BCS 8 R001 F
Model
Power Rating
8 : 8W
Resistance Code Tolerance
R001: 0.001Ω
Tolerance
J = 5% Tol
F = 1% Tol
Resistor
Contact Probe
Current
Voltage
Ohm Meter
E
G
F
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com